Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50N06L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 50N06L-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

50N06L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  50N06L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 50N06L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 50N06L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 50N06L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 50N06L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 50N06L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 50N06L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 50N06L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
50N06-F
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-A83.a
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
TC = 25°C
ID
50
A
TC = 100°C
35
A
Pulsed Drain Current (Note 2)
IDM
200
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
480
mJ
Repetitive (Note 2)
EAR
13
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
7
V/ns
Power Dissipation (TC=25°C)
PD
46
W
Junction Temperature
TJ
+150
°C
Operation and Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by TJ
3. L=0.38mH, IAS=50A, VDD= 25V, RG=20Ω, Starting TJ=25°C
4. ISD ≤50A, di/dt ≤300A/μs, VDD ≤BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
100
°C/W
Junction to Case
θJC
2.7
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com