Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2P06G-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT2P06G-AE3-R
Description  P-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2P06G-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT2P06G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT2P06G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT2P06G-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT2P06
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-B01.B
-2A, 60V (D-S) P-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT2P06 is a P-channel enhancement power MOSFET
using UTC’s advanced technology to provide the customers with
perfect RDS(ON) and low gate charge.
This UTC UT2P06 can be operated with -4.5V low gate voltage.
FEATURES
* RDS(ON)<0.4Ω @ VGS= -10V, ID= -0.9A
RDS(ON)<0.6Ω @ VGS= -4.5V, ID= -0.8A
* High switching speed
* Low gate charge (Typ.=5.1 nC)
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
UT2P06G-AE3-R
SOT-23
S
G
D
Tape Reel
Note: Pin Assignment: S: Source
G: Gate
D: Drain
MARKING
3
1
2P06G
2


Similar Part No. - UT2P06G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UT20 WILLOW-UT20 Datasheet
864Kb / 2P
Thicker Film Tubular type Non-Inductive Resistors for Ultra High Voltage, High Energy
logo
List of Unclassifed Man...
UT20 ETC-UT20 Datasheet
158Kb / 2P
Ultra Voltage, High Frequncy Pulse, R&R-c Tank, High Energy.
logo
Marktech Corporate
UT200 MARKTECH-UT200 Datasheet
323Kb / 5P
LED
logo
Microsemi Corporation
UT2005 MICROSEMI-UT2005 Datasheet
139Kb / 3P
RECTIFIERS
logo
Digitron Semiconductors
UT2005 DIGITRON-UT2005 Datasheet
157Kb / 3P
STANDARD RECOVERY RECTIFIERS
More results

Similar Description - UT2P06G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
P-CHANNEL POWER MOSFET
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
P Channel Power MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
p-Channel Power MOSFET
1.9, 2011-03-02
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
P CHANNEL POWER MOSFET
logo
ACE Technology Co., LTD...
ACE5208 ACE-ACE5208 Datasheet
943Kb / 6P
P-Channel Power MOSFET
VER 1.1
logo
Solid States Devices, I...
FP0007 SSDI-FP0007_15 Datasheet
220Kb / 2P
P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM150P03 TSC-TSM150P03 Datasheet
393Kb / 6P
P-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com