Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4114G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4114G-S08-R
Description  N-CHANNEL JUNCTIN SILICON FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4114G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4114G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4114G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4114G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4114G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4114
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-A78.b
20A, 20V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UT4114 is an N-channel power MOSFET uses UTC’s
advanced trench technology to provide customers perfect RDS(ON)
and low gate charge.
This device can be applied in Game Machine or in PC.
FEATURES
* RDS(ON) < 6 mΩ @ VGS=10V, ID=10A
RDS(ON) < 7 mΩ @ VGS=4.5V, ID=7A
* Typically 315pF low CRSS
* Typically 62nC low gate charge
* 100 % RG and UIS Tested
SYMBOL
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
12
3
456
7
8
UT4114G-S08-R
SOP-8
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UT4114G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4101 UTC-UT4101 Datasheet
285Kb / 4P
P-CHANNEL ENHANCEMENT MODE
UT4101G-AE2-R UTC-UT4101G-AE2-R Datasheet
285Kb / 4P
P-CHANNEL ENHANCEMENT MODE
UT4101G-AE2-R UTC-UT4101G-AE2-R Datasheet
275Kb / 4P
P-CHANNEL ENHANCEMENT MODE
UT4101G-AE3-R UTC-UT4101G-AE3-R Datasheet
285Kb / 4P
P-CHANNEL ENHANCEMENT MODE
UT4101G-AE3-R UTC-UT4101G-AE3-R Datasheet
275Kb / 4P
P-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UT4114G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SK3666 UTC-2SK3666 Datasheet
150Kb / 4P
N-CHANNEL JUNCTIN SILICON FET
UT75N03 UTC-UT75N03_15 Datasheet
197Kb / 3P
N-CHANNEL JUNCTIN SILICON FET
UT3458 UTC-UT3458_15 Datasheet
180Kb / 4P
N-CHANNEL JUNCTIN SILICON FET
2N70K UTC-2N70K_15 Datasheet
283Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
2N50K-TA UTC-2N50K-TA Datasheet
208Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
3N70K-MK UTC-3N70K-MK Datasheet
212Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
4N60K-MT UTC-4N60K-MT Datasheet
241Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
11NM40 UTC-11NM40 Datasheet
229Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
13N50K UTC-13N50K Datasheet
208Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
4N70K-TA UTC-4N70K-TA Datasheet
271Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com