Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF830L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF830L-TN3-R
Description  N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF830L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF830L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF830L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF830L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF830L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF830L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF830L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF830-F
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-A94.B
4.5A, 500V, 1.5Ω, N-CHANNEL
POWER MOSFET
DESCRIPTION
The N-Channel enhancement mode silicon gate power MOSFET
is designed for high voltage, high speed power switching
applications such as switching regulators, switching converters,
solenoid, motor drivers, relay drivers.
FEATURES
* RDS(ON) <1.5Ω @ VGS=10V, ID=2.5A
* Single Pulse Avalanche Energy Rated
* Rugged- SOA is Power Dissipation Limited
* Fast Switching Speeds
* Linear Transfer Characteristics
* High Input Impedance
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UF830L-TA3-T
UF830G-TA3-T
TO-220
G
D
S
Tube
UF830L-TF3-T
UF830G-TF3-T
TO-220F
G
D
S
Tube
UF830L-TMS-T
UF830G-TMS-T
TO-251S
G
D
S
Tube
UF830L-TN3-R
UF830G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UF830L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF830L-TN3-R UTC-UF830L-TN3-R Datasheet
307Kb / 8P
4.5A, 500V, 1.5廓, N-CHANNEL POWER MOSFET
UF830L-TN3-R UTC-UF830L-TN3-R Datasheet
321Kb / 9P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
logo
SHENZHEN DOINGTER SEMIC...
UF830L-TN3-R DOINGTER-UF830L-TN3-R Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UF830L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
K1109 UTC-K1109 Datasheet
70Kb / 2P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
logo
CUI INC
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
electret condenser microphone
logo
Unisonic Technologies
K1109 UTC-K1109_10 Datasheet
141Kb / 3P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109_11 Datasheet
173Kb / 4P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109_15 Datasheet
191Kb / 4P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UT108N03 UTC-UT108N03_15 Datasheet
194Kb / 4P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
10N50K-MT UTC-10N50K-MT Datasheet
192Kb / 5P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
10N65-C UTC-10N65-C Datasheet
216Kb / 6P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
1N50K-TA UTC-1N50K-TA Datasheet
238Kb / 7P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UTT40N08 UTC-UTT40N08 Datasheet
156Kb / 3P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com