Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF830G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF830G-TN3-R
Description  N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF830G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF830G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF830G-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UF830-F
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-A94.B
ELECTRICAL SPECIFICATIONS(Cont.) (TA =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Total Gate Charge
QG
21
30
nC
Gate-Source Charge
QGS
5.2
nC
Gate-Drain Charge
QGD
VGS=10V, ID=1.3A
VDS=0.8×Rated BVDSS
IG(REF)=100μA (Note 3)
5.6
nC
Input Capacitance
CISS
600
pF
Output Capacitance
COSS
78
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1.0MHz
15
pF
Notes: 1. Pulse Test: Pulse width≤300μs, Duty Cycle≤2%.
2. MOSFET Switching Times are Essentially Independent of Operating Temperature.
3. Gate Charge is Essentially Independent of Operating Temperature.
INTERNAL PACKAGE INDUCTANCE
PARAMETER
SYMBOL
MIN
TYP MAX UNIT
Internal Drain Inductance
Measured from the contact screw on tab to center of die
3.5
nH
Measured from the drain lead(6mm from package) to center of die
LD
4.5
nH
Internal Source Inductance
Measured from the source lead(6mm from header) to source bond pad
LS
7.5
nH
Remark: Modified MOSFET symbol showing the internal devices inductances as below.
SOURCE TO DRAIN DIODE SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Source to Drain Diode Voltage
VSD
TJ=25°C,ISD=4.5A, VGS=0V(Note 1)
1.6
V
Continuous Source to Drain Current
ISD
5.5
A
Pulse Source to Drain Current
ISDM
Note 2
18
A
Reverse Recovery Time
trr
TJ=25°C, ISD=4.5A, dI/dt=100A/μs
180
350
760
ns
Reverse Recovery Charge
QRR
TJ=25°C, ISD=4.5A, dI/dt=100A/μs
0.96
2.2
4.3
μC
Notes: 1. Pulse Test: Pulse width≤300μs, Duty Cycle≤2%.
2. Modified MOSFET symbol showing the integral reverse P-N junction diode as below.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com