Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF740L-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF740L-TQ2-R
Description  N-CHANNEL FAST SWITCHING MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF740L-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF740L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF740L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF740L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF740L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF740L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF740L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UF740-E
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-966. A
ELECTRICAL CHARACTERISTICS (TC =25°C, Unless Otherwise Specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Drain to Source Breakdown Voltage
BVDSS VGS = 0V, ID = 250μA
400
V
Gate to Threshold Voltage
VGS(THR) VGS = VDS, ID = 250μA
2.0
4.0
V
On-State Drain Current (Note 1)
ID(ON)
VDS >ID(ON) x RDS(ON)MAX, VGS =10V
10
A
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
25
μA
VDS=0.8 x Rated BVDSS, VGS=0V,TJ=125°C
250
μA
Gate to Source Leakage Current
IGSS
VGS = ±20V
±500 nA
Drain to Source On Resistance
RDS(ON) VGS = 10V, ID = 5.2A (Note 1)
0.47 0.55
Ω
Forward Transconductance
gFS
VDS ≥ 50V, ID = 5.2A (Note 1)
5.8
8.9
S
Turn-On Delay Time
tDLY(ON) VDD = 200V, ID ≈ 10A,
RGS = 9.1Ω, RL = 20Ω, VGS = 10V
MOSFET Switching Times are Essentially
Independent of Operating Temperature
45
55
ns
Rise Time
tR
65
75
ns
Turn-Off Delay Time
tDLY(OFF)
150
180
ns
Fall Time
tF
70
85
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
QG(TOT)
VGS = 10V, ID = 10A, IG(REF) = 1.5mA,
VDS = 0.8 x Rated BVDSS
Gate Charge is Essentially Independent of
Operating Temperature
100
120
nC
Gate to Source Charge
QGS
10
nC
Gate to Drain “Miller” Charge
QGD
20
nC
Input Capacitance
CISS
VGS = 0V, VDS =25V, f = 1.0MHz
1225
pF
Output Capacitance
COSS
300
pF
Reverse - Transfer Capacitance
CRSS
80
pF
Internal Drain Inductance
LD
Measured From
the Contact Screw
on Tab to Center
of Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
3.5
nH
Measured From
the Drain Lead,
6mm (0.25in)
From Package to
Center of Die
4.5
nH
Internal Source Inductance
LS
Measured From
the Source Lead,
6mm (0.25in)
From Header to
Source Bonding
Pad
7.5
nH
SOURCE TO DRAIN DIODE SPECIFICATIONS
Source to Drain Diode Voltage
VSD
TJ = 25°C, ISD = 10A, VGS = 0V (Note 1)
2.0
V
Continuous Source to Drain Current
IS
Modified MOSFET
Symbol Showing
the Integral
Reverse P-N
Junction Diode
10
A
Pulse Source to Drain Current
(Note 2)
ISM
40
A
Reverse Recovery Time
trr
TJ = 25°C, ISD = 10A, dISD/dt = 100A/μs
170
390
790
ns
Reverse Recovery Charge
QRR
TJ = 25°C, ISD = 10A, dISD/dt = 100A/μs
1.6
4.5
8.2
μC
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty Cycle≤2%.
2. Repetitive rating: Pulse width limited by maximum junction temperature.
3. VDD=50V, starting TJ =25°C, L=9.1mH, RG=25Ω, peak IAS = 10A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com