Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF740G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF740G-TQ2-R
Description  N-CHANNEL FAST SWITCHING MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF740G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF740G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF740G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF740-E
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-966. A
10A, 400V, 0.55Ω N-CHANNEL
POWER MOSFET
DESCRIPTION
The N-Channel enhancement mode silicon gate power MOSFET
is designed for high voltage, high speed power switching
applications such as switching regulators, switching converters,
solenoid, motor drivers, relay drivers.
FEATURES
* 10A, 400V, RDS(ON)(0.55Ω)
* Single Pulse Avalanche Energy Rated
* Rugged - SOA is Power Dissipation Limited
* Fast Switching Speeds
* Linear Transfer Characteristics
* High Input Impedance
SYMBOL
TO-220
1
TO-220F
1
1
TO-220F1
TO-220F2
1
TO-263
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UF740L-TA3-T
UF740G-TA3-T
TO-220
G
D
S
Tube
UF740L-TF1-T
UF740G-TF1-T
TO-220F1
G
D
S
Tube
UF740L-TF2-T
UF740G-TF2-T
TO-220F2
G
D
S
Tube
UF740L-TF3-T
UF740G-TF3-T
TO-220F
G
D
S
Tube
UF740L-TQ2-T
UF740G-TQ2-T
TO-263
G
D
S
Tube
UF740L-TQ2-R
UF740G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UF740G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF740G-TQ2-R UTC-UF740G-TQ2-R Datasheet
336Kb / 6P
10A, 400V, 0.55廓 N-CHANNEL POWER MOSFET
UF740G-TQ2-R UTC-UF740G-TQ2-R Datasheet
240Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
More results

Similar Description - UF740G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N90-E UTC-3N90-E Datasheet
247Kb / 5P
N-CHANNEL FAST SWITCHING MOSFET
UTM6016 UTC-UTM6016 Datasheet
244Kb / 6P
N-CHANNEL FAST SWITCHING MOSFET
UTM6006 UTC-UTM6006 Datasheet
385Kb / 7P
N-CHANNEL FAST SWITCHING MOSFET
logo
uPI Group Inc.
QM2530M7 UPI-QM2530M7 Datasheet
438Kb / 6P
N-Channel 20V Fast Switching MOSFET
QM3002D UPI-QM3002D Datasheet
583Kb / 8P
N-Channel 30V Fast Switching MOSFET
QM3016AM3 UPI-QM3016AM3 Datasheet
568Kb / 8P
N-Channel 30V Fast Switching MOSFET
QN3102M3N UPI-QN3102M3N Datasheet
3Mb / 8P
N-Channel 30V Fast Switching MOSFET
QN3102M6N UPI-QN3102M6N Datasheet
611Kb / 8P
N-Channel 30V Fast Switching MOSFET
QN3108M3N UPI-QN3108M3N Datasheet
1Mb / 8P
N-Channel 30V Fast Switching MOSFET
QN3120M6N UPI-QN3120M6N Datasheet
611Kb / 8P
N-Channel 30V Fast Switching MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com