Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT40N08G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT40N08G-TN3-R
Description  N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT40N08G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT40N08G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT40N08G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT40N08G-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT40N08
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A81.a
40A, 80V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTT40N08 power MOSFET provide the designer with the
best combination of fast switching, ruggedized device design, low
on-resistance and cost-effectiveness
FEATURES
* RDS(ON) < 45mΩ @VGS = 10 V
* Low capacitance
* Optimized gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
2.Drain
3.Source
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT40N08L-TN3-R
UTT40N08G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING INFORMATION
PACKAGE
MARKING
TO-252


Similar Part No. - UTT40N08G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT40N03 UTC-UTT40N03 Datasheet
321Kb / 5P
40A, 30V N-CHANNEL POWER MOSFET
UTT40N03G-TM3-T UTC-UTT40N03G-TM3-T Datasheet
321Kb / 5P
40A, 30V N-CHANNEL POWER MOSFET
UTT40N03G-TN3-R UTC-UTT40N03G-TN3-R Datasheet
321Kb / 5P
40A, 30V N-CHANNEL POWER MOSFET
UTT40N03G-TN3-T UTC-UTT40N03G-TN3-T Datasheet
321Kb / 5P
40A, 30V N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
UTT40N03L VBSEMI-UTT40N03L Datasheet
1Mb / 8P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - UTT40N08G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
K1109 UTC-K1109 Datasheet
70Kb / 2P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
logo
CUI INC
CMA-6542PF CUI-CMA-6542PF Datasheet
851Kb / 4P
electret condenser microphone
logo
Unisonic Technologies
K1109 UTC-K1109_10 Datasheet
141Kb / 3P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109_11 Datasheet
173Kb / 4P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
K1109 UTC-K1109_15 Datasheet
191Kb / 4P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UT108N03 UTC-UT108N03_15 Datasheet
194Kb / 4P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
10N50K-MT UTC-10N50K-MT Datasheet
192Kb / 5P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
10N65-C UTC-10N65-C Datasheet
216Kb / 6P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
1N50K-TA UTC-1N50K-TA Datasheet
238Kb / 7P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
UF830-F UTC-UF830-F Datasheet
264Kb / 6P
N-CHANNEL JFET FOR ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com