Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

280-024P Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 280-024P
Description  HiPer-D Standard and High-Density Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

280-024P Datasheet(HTML) 2 Page - Glenair, Inc.

  280-024P Datasheet HTML 1Page - Glenair, Inc. 280-024P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B-17
© 2013 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324
series 28
HiPer-D Standard and High-Density Connectors
B
Shell
Size
A
B
C Basic
D
E
F Basic
G
H
in
± .015
mm
± 0.38
in
± .015
mm
± 0.38
in.
mm
in
± .005
mm
± 0.13
in
± .005
mm
± 0.13
in
mm
in
± .015
mm
± 0.38
in
± .015
mm
± 0.38
1
1.865 47.37
.725 18.42
.984 24.99
.726 18.44
.389
9.88 1.424 36.17
.469 11.91 1.609 40.87
2
2.200 55.88
.725 18.42 1.312 33.32 1.054 26.77
.389
9.88 1.752 44.50
.469 11.91 1.944 49.38
3
2.736 69.49
.725 18.42 1.852 47.04 1.594 40.49
.389
9.88 2.292 58.22
.469 11.91 2.480 62.99
4
3.385 85.98
.725 18.42 2.500 63.50 2.242 56.95
.389
9.88 2.940 74.68
.469 11.91 3.129 79.48
5
3.289 83.54
.837 21.26 2.406 61.11 2.139 54.33
.501 12.73 2.846 72.29
.581 14.76 3.033 77.04
6
3.383 85.93
.899 22.83 2.500 63.50 2.272 57.71
.563 14.30 2.940 74.68
.643 16.33 3.127 79.43
4-40 UNC 2B TH'D
.150 (3.81) MIN. DEEP TYP 2PL
4-40 UNC 2B TH'D
.150 (3.81) MIN. DEEP TYP 2PL
PC TAIL LENGTH
± .015 (3.81)
SEE PCB FOOTPRINTS
G
F
A
C
H
.084±.002
(2.13±0.05)
C
D
E B
10° TYP
.262±.003
(6.65±0.08)
.318
(8.07)
STD DENSITY SIZE #20HD CONTACTS
.030±.002(0.76±0.05)
HI DENSITY SIZE #22D CONTACTS
.020±.002(0.51±0.05)
REF
R.134
(3.40)
280-024P right angle PC tail pin connectors with O-ring flange for
rear panel mounting
280-024P DIMENSIONS
NOTES
1.
Contacts are factory-installed, non-removable and are potted with epoxy.
2.
HiPer-D connectors are available with a wide variety of materials and finishes. See About Series 28 HiPer-D Shell Plating Options for
additional choices . Glenair offers the industry’s widest selection of plating and material choices with no setup charge, no minimum
order quantity and no schedule impact.
3.
For panel cutout dimensions, refer to Panel Cutouts and Printed Circuit Board Footprints.
4.
For printed circuit board mounting dimensions, refer to Panel Cutouts and Printed Circuit Board Footprints.
5.
HiPer-D connectors meet the requirements of MIL-DTL-24308 and are intermateable with standard M24308-type D-Subminiature
connectors with corresponding contact arrangements and type.
6.
Additional electrical, mechanical and environmental specifications are listed in HiPer-D Product Specification.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com