Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

280-030P Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 280-030P
Description  HiPer-D Standard and High-Density Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

280-030P Datasheet(HTML) 2 Page - Glenair, Inc.

  280-030P Datasheet HTML 1Page - Glenair, Inc. 280-030P Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B-29 © 2013 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324
series 28
HiPer-D Standard and High-Density Connectors
B
C
D
B
A
E
F
REF
R .134 (3.41)
GUIDE PIN, GUIDE BUSHING, OR 8-32
UNC 2B .150 (3.81) MIN. DEEP 2PLCS
G
G
.170 (4.32)
.250 (6.35)
.040±.040 (1.02±1.02)
DIAMETRAL FLOAT
CONNECTOR
FLOAT BUSHING
.120 (3.05)
SECTION G-G
4-40 UNC-2B
.150 MIN. DEEP
TYP 2 PLCS
C
.784
(19.92)
.390±.005
(9.91±0.13)
.262±.003
(6.65±0.08)
.094 (2.39)
Shell
Size
A
B
C Basic
D
E
F Basic
in
± .015
mm
± 0.38
in
± .015
mm
± 0.38
in.
mm
in
± .005
mm
± 0.13
in
± .005
mm
± 0.13
in
mm
1
1.986 50.44
.494 12.55
.984 24.99
.726 18.44
.389
9.88 1.636 41.55
2
2.314 58.78
.494 12.55 1.312 33.32 1.054 26.77
.389
9.88 1.964 49.89
3
2.854 72.49
.494 12.55 1.852 47.04 1.594 40.49
.389
9.88 2.504 63.60
4
3.502 88.95
.494 12.55 2.500 63.50 2.242 56.95
.389
9.88 3.152 80.06
5
3.408 86.56
.600 15.24 2.406 61.11 2.139 54.33
.501 12.73 3.058 77.67
6
3.502 88.95
.662 16.81 2.500 63.50 2.272 57.71
.563 14.30 3.152 80.06
280-030P DIMENSIONS
280-030P float mount pin connectors for blind mating, crimp
termination
NOTES
1.
HiPer-D connectors are available with a wide variety of materials and finishes. See About Series 28 HiPer-D Shell Plating Options for
additional choices . Glenair offers the industry’s widest selection of plating and material choices with no setup charge, no minimum
order quantity and no schedule impact.
2.
For panel cutout dimensions, refer to Panel Cutouts and Printed Circuit Board Footprints.
3.
Connectors are supplied with crimp contacts per M39029. Contacts are not installed. Refer to HiPer-D Contacts and Crimp Tools for
contact part numbers, specifications, crimp tool information, and insertion/extraction tools.
4.
HiPer-D connectors meet the requirements of MIL-DTL-24308 and are intermateable with standard M24308-type D-Subminiature
connectors with corresponding contact arrangements and type.
5.
Additional electrical, mechanical and environmental specifications are listed in HiPer-D Product Specification.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com