Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP03WF104F05RL Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NCP03WF104F05RL
Description  excellent solderability and hugh stability in environment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP03WF104F05RL Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NCP03WF104F05RL Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NCP03WF104F05RL Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NCP03WF104F05RL Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
NCP03WF104F05RL
Specifications
Resistance
℃
(25
)
100kΩ
Resistance Value Tolerance (at
℃
25
)
±1%
B-Constant
℃
(25/50
)
4250K
B-Constant
℃
(25/50
) Tolerance
±1%
B-Constant
℃
(25/80
) (Reference
Value)
4303K
B-Constant
℃
(25/85
) (Reference
Value)
4311K
B-Constant
℃
(25/100
) (Reference
Value)
4334K
Permissive Operating Current
℃
(25
)
0.1mA
Rated Electric Power
℃
(25
)
100mW
Typical Dissipation Constant
℃
(25
)
℃
1mW/
Operating Temperature Range
-
℃
40
to
℃
125
Shape
SMD
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2015/11/10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com