Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKGS-25SXAP1-R Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PKGS-25SXAP1-R
Description  operating temperature range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PKGS-25SXAP1-R Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PKGS-25SXAP1-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PKGS-25SXAP1-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PKGS-25SXAP1-R
Specifications
Operating Temperature Range
-
℃
40
to
℃
85
Primary Axis Inclined Angle
25°
Sensitivity(Typ.)
0.35pC/G
Capacitance (Typ.)
740pF
Insulation Resistance(Min.)
100MΩ
Non-linearity(Typ.)
%
1
Shock Resistance
3000G (0.3ms duration)
Sensitivity Type
Electric charge sensitivity type
Resonance Frequency
27kHz
Storage Temperature Range
-
℃
40
to
℃
85
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2015/11/10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com