Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20124 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM20124
Description  4A, 1MHz PowerWise짰 Synchronous Buck Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20124 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM20124 Datasheet HTML 17Page - Texas Instruments LM20124 Datasheet HTML 18Page - Texas Instruments LM20124 Datasheet HTML 19Page - Texas Instruments LM20124 Datasheet HTML 20Page - Texas Instruments LM20124 Datasheet HTML 21Page - Texas Instruments LM20124 Datasheet HTML 22Page - Texas Instruments LM20124 Datasheet HTML 23Page - Texas Instruments LM20124 Datasheet HTML 24Page - Texas Instruments LM20124 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PVIN
SW
AGND
FB
PGOOD
EN
SS/TRK
AVIN
COMP
LM20124
L
RF
VCC
PGND
CIN
RC1
CC1
VIN
CSS
CVCC
COUT
VOUT
RFB2
RFB1
CF
(optional)
PVIN
SW
PGND
L
VOUT
LM20124
CIN
COUT
LOOP1
LOOP2
LM20124, LM20124-Q1
www.ti.com
SNVS507F – OCTOBER 2007 – REVISED MARCH 2013
5. Make input and output bus connections as wide as possible. This reduces any voltage drops on the input or
output of the converter and can improve efficiency. If voltage accuracy at the load is important make sure
feedback voltage sense is made at the load. Doing so will correct for voltage drops at the load and provide the
best output accuracy.
6. Provide adequate device heatsinking. Use as many vias as is possible to connect the DAP to the power plane
heatsink. For best results use a 4x4 via array with a minimum via diameter of 12 mils. See the Thermal
Considerations section to insure enough copper heatsinking area is used to keep the junction temperature below
125°C.
Figure 33. Schematic of LM20124 Highlighting Layout Sensitive Nodes
Typical Application Circuits
This section provides several application solutions with a bill of materials. All bill of materials reference the below
figure. The compensation for these solutions were optimized to work over a wide range of input and output
voltages; if a faster transient response is needed reduce the value of CC1 and calculate the new value for RC1 as
outline in the design guide.
Bill of Materials (VIN = 5V, VOUT = 3.3V, IOUTMAX = 4A)
Designator
Description
Part Number
Manufacturer
Qty
U1
Synchronous Buck Regulator
LM20124
Texas Instruments
1
CIN
100 µF, 1210, X5R, 6.3V
GRM32ER60J107ME20
Murata
1
COUT
100 µF, 1210, X5R, 6.3V
GRM32ER60J107ME20
Murata
1
L
1 µH, 6 m
Ω
MSS1038-102NL
Coilcraft
1
RF
1
Ω, 0603
CRCW06031R0J-e3
Vishay-Dale
1
CF
100 nF, 0603, X7R, 16V
GRM188R71C104KA01
Murata
1
CVCC
1 µF, 0603, X5R, 6.3V
GRM188R60J105KA01
Murata
1
RC1
6.65 k
Ω, 0603
CRCW06037871F-e3
Vishay-Dale
1
CC1
2.2 nF, 0603, X7R, 25V
VJ0603Y222KXXA
Vishay-Vitramon
1
CSS
33 nF, 0603, X7R, 25V
VJ0603Y333KXXA
Vishay-Vitramon
1
RFB1
31.6 k
Ω, 0603
CRCW06033162F-e3
Vishay-Dale
1
RFB2
10.2 k
Ω, 0603
CRCW06031022F-e3
Vishay-Dale
1
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM20124 LM20124-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com