Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34922MY/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM34922MY/NOPB
Description  28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM34922MY/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM34922MY/NOPB Datasheet HTML 9Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 10Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 11Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 12Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 13Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 14Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 15Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 16Page - Texas Instruments LM34922MY/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
L1 10 PH
D1
CSS
RS
CIN
CBYP
RT
118 k:
10 k:
0.022 PF
80 m:
5V
FB
SW
LM34922
BST
CS
RT
VIN
SS
SGND
PGD
CSG
8V to 28V
Input
4.7 PF
0.1 PF
RPGD
VPGD
Power
Good
4.99 k:
RFB2
CBST
COUT
RFB1
VOUT
4.99 k:
0.1 PF
10 PF
LM34922
www.ti.com
SNVS813A – JUNE 2012 – REVISED MARCH 2013
Figure 19. Example Circuit
Figure 20. Efficiency (Circuit of Figure 19)
Figure 21. Frequency vs VIN (Circuit of Figure 19)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM34922



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com