Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C64-04/P Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC16C64-04/P
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64-04/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC16C64-04/P Datasheet HTML 13Page - Microchip Technology PIC16C64-04/P Datasheet HTML 14Page - Microchip Technology PIC16C64-04/P Datasheet HTML 15Page - Microchip Technology PIC16C64-04/P Datasheet HTML 16Page - Microchip Technology PIC16C64-04/P Datasheet HTML 17Page - Microchip Technology PIC16C64-04/P Datasheet HTML 18Page - Microchip Technology PIC16C64-04/P Datasheet HTML 19Page - Microchip Technology PIC16C64-04/P Datasheet HTML 20Page - Microchip Technology PIC16C64-04/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 17
PIC16C6X
PORTD can be a bi-directional I/O port or parallel slave port
for interfacing to a microprocessor bus.
RD0/PSP0
19
21
38
I/O
ST/TTL(6)
RD1/PSP1
20
22
39
I/O
ST/TTL(6)
RD2/PSP2
21
23
40
I/O
ST/TTL(6)
RD3/PSP3
22
24
41
I/O
ST/TTL(6)
RD4/PSP4
27
30
2
I/O
ST/TTL(6)
RD5/PSP5
28
31
3
I/O
ST/TTL(6)
RD6/PSP6
29
32
4
I/O
ST/TTL(6)
RD7/PSP7
30
33
5
I/O
ST/TTL(6)
PORTE is a bi-directional I/O port.
RE0/RD
8
9
25
I/O
ST/TTL(6)
RE0 can also be read control for the parallel slave port.
RE1/WR
9
10
26
I/O
ST/TTL(6)
RE1 can also be write control for the parallel slave port.
RE2/CS
10
11
27
I/O
ST/TTL(6)
RE2 can also be select control for the parallel slave port.
VSS
12,31
13,34
6,29
P
—
Ground reference for logic and I/O pins.
VDD
11,32
12,35
7,28
P
—
Positive supply for logic and I/O pins.
NC
—
1,17,
28,40
12,13,
33,34
—
—
These pins are not internally connected. These pins should
be left unconnected.
TABLE 3-3:
PIC16C64/64A/R64/65/65A/R65/67 PINOUT DESCRIPTION (Cont.’d)
Pin Name
DIP
Pin#
PLCC
Pin#
TQFP
MQFP
Pin#
Pin
Type
Buffer
Type
Description
Legend: I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note 1:
Pin functions T1OSO and T1OSI are reversed on the PIC16C64.
2:
CCP2 and the USART are not available on the PIC16C64/64A/R64.
3:
This buffer is a Schmitt Trigger input when configured in RC oscillator mode and a CMOS input otherwise.
4:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
5:
This buffer is a Schmitt Trigger input when used in serial programming mode.
6:
This buffer is a Schmitt Trigger input when configured as general purpose I/O and a TTL input when used in the Parallel Slave
Port mode (for interfacing to a microprocessor bus).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com