Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

340MS026 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 340MS026
Description  Straight Shorting Cap with Attachment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

340MS026 Datasheet(HTML) 2 Page - Glenair, Inc.

  340MS026 Datasheet HTML 1Page - Glenair, Inc. 340MS026 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
X-20
© 2014 Glenair, Inc.
Series 80 Mighty Mouse
U.S. CAGE Code 06324
Printed in U.S.A.
Dimensions in Inches (millimeters) are subject to change without notice.
X
Attachment Options
Small Ring for Attaching
to a Panel with a Screw
Dia.
Code
Ring I.D.
Ring O.D.
In.
mm.
In.
mm.
±.005
±0.13
Max.
Max.
01
.126
3.20
.31
7.9
02
.145
3.68
.31
7.9
04
.188
4.78
.31
7.9
06
.197
5.00
.31
7.9
Large Solid Ring for
Attaching to a Jam Nut
Receptacle
Dia.
Code
Ring I.D.
Ring O.D.
In.
mm.
In.
mm.
± .010
±0.25
± .015
± 0.38
14
.385
9.78
.510
12.95
15
.445
11.30
.565
14.35
16
.570
14.48
.685
17.40
17
.635
16.13
.760
19.30
18
.695
17.65
.820
20.82
19
.885
22.48
1.010
25.65
20
1.070
27.17
1.195
30.35
21
1.135
28.83
1.250
31.75
22
1.210
30.73
1.312
33.32
Nylon Rope With Slip Knot (SK) for
Attaching Covers to Cable
-65° to +100°C., black, very flexible,
very good abrasion resistance,
good resistance to fuels, .120"
(3mm) diameter. Length includes
.5" (13mm) diameter loop.
Lanyard Options
Nylon Rope (G)
-65° to +100°C., black, very
flexible, very good abrasion
resistance, good resistance to
fuels, .120" (3mm) diameter
Polyurethane Coated Wire Rope (U)
Black polyurethane over
stainless steel rope, -65°
to +125°C., very flexible,
excellent abrasion resistance,
excellent resistance to fuels,
.080" (2mm) diameter
Teflon Jacketed Wire Rope (H)
Translucent FEP jacket
over stainless steel, -65° to
+200°C., fair flexibility, good
abrasion resistance, .100"
diameter
Sash Chain (S)
Stainless steel, #8 chain, .240"
(6mm)
Dimensions
Size Code
Shell Size Reference
Ø A Max.
B Threads
800/801
803/804
805
In.
mm.
05
5
N/A
.350
8.89
.250-32 UNEF-2B
06
6
N/A
.415
10.54
.3125-32 UNEF-2B
11
N/A
8
.465
11.81
.3750-32 UNEF-2B
07
7
9
.530
13.46
.4375-28 UNEF-2B
08
8
10
.595
14.35
.5000-28 UNEF-2B
09
9
11
.650
16.51
.5625-24 UNEF-2B
10
10
12
.715
18.16
.6250-24 UNEF-2B
12
11/12/13
13
.785
19.94
.6875-24 UNEF-2B
13
N/A
15
.830
21.08
.7500-20 UNEF-2B
14
14/15/16/17
18/19
1.020
25.91
.9375-20 UNEF-2B
16
19
21
1.155
29.34
1.0625-18 UNEF-2B
17
21
23
1.270
32.26
1.1875-18 UNEF-2B
Series 80 Mighty Mouse
Shorting Cap Dimensions
340MS026
B THREAD
O-RING
A
LENGTH
LENGTH
± .25 (6.4)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com