Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE42644 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE42644
Description  Very Low Dropout Voltage
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42644 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE42644 Datasheet HTML 5Page - Infineon Technologies AG TLE42644 Datasheet HTML 6Page - Infineon Technologies AG TLE42644 Datasheet HTML 7Page - Infineon Technologies AG TLE42644 Datasheet HTML 8Page - Infineon Technologies AG TLE42644 Datasheet HTML 9Page - Infineon Technologies AG TLE42644 Datasheet HTML 10Page - Infineon Technologies AG TLE42644 Datasheet HTML 11Page - Infineon Technologies AG TLE42644 Datasheet HTML 12Page - Infineon Technologies AG TLE42644 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TLE42644
Electrical Characteristics
Data Sheet
9
Rev. 1.1, 2014-07-03
Output Voltage
V
Q versus
Input Voltage
V
I
Maximum Output Current
I
Q versus
Input Voltage
V
I
Region Of Stability: Output Capacitor’s ESR
ESR(C
Q) versus Output Current IQ
AED03345.VSD
0
V
I
V
Q
24
6
8
10
0
2
4
6
8
10
V
V
R
L = 50 Ω
AED03346.VSD
0
50
100
150
200
250
300
350
400
450
0
1020
3040
V I [V]
T j = -40 °C
T j = 25 °C
T j = 150 °C
AED03347.VSD
0,01
0,1
1
10
0
2040
6080
100
I Q [mA]
C
Q = 10 µF
V
I = 13.5 V
Stable Region
Unstable Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com