Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N70KG-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 4N70KG-TN3-R
Description  N-CHANNEL JUNCTIN SILICON FET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N70KG-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  4N70KG-TN3-R Datasheet HTML 1Page - Unisonic Technologies 4N70KG-TN3-R Datasheet HTML 2Page - Unisonic Technologies 4N70KG-TN3-R Datasheet HTML 3Page - Unisonic Technologies 4N70KG-TN3-R Datasheet HTML 4Page - Unisonic Technologies 4N70KG-TN3-R Datasheet HTML 5Page - Unisonic Technologies 4N70KG-TN3-R Datasheet HTML 6Page - Unisonic Technologies 4N70KG-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
4N70K-TA
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R205-040.B
4.0A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 4N70K-TA is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and high rugged
avalanche. This high speed switching power MOSFET is usually
used in power supplies, PWM motor controls, high efficient DC to
DC converters and bridge circuits.
FEATURES
* RDS(ON) < 3.5Ω @ VGS = 10 V, ID = 2 A
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
4N70KL-TF3-T
4N70KG-TF3-T
TO-220F
G
D
S
Tube
4N70KL-TF1-T
4N70KG-TF1-T
TO-220F1
G
D
S
Tube
4N70KL-TF2-T
4N70KG-TF2-T
TO-220F2
G
D
S
Tube
4N70KL-TF3T-T
4N70KG-TF3T-T
TO-220F3
G
D
S
Tube
4N70KL-TM3-T
4N70KG-TM3-T
TO-251
G
D
S
Tube
4N70KL-TMS-T
4N70KG-TMS-T
TO-251S
G
D
S
Tube
4N70KL-TN3-R
4N70KG-TN3-R
TO-252
G
D
S
Tape Reel
4N70KL-TND-R
4N70KG-TND-R
TO-252D
G
D
S
Tape Reel
4N70KL-T2Q-T
4N70KG-T2Q-T
TO-262
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 4N70KG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N70KG-TN3-R UTC-4N70KG-TN3-R Datasheet
273Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 4N70KG-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SK3666 UTC-2SK3666 Datasheet
150Kb / 4P
N-CHANNEL JUNCTIN SILICON FET
UT75N03 UTC-UT75N03_15 Datasheet
197Kb / 3P
N-CHANNEL JUNCTIN SILICON FET
UT3458 UTC-UT3458_15 Datasheet
180Kb / 4P
N-CHANNEL JUNCTIN SILICON FET
2N70K UTC-2N70K_15 Datasheet
283Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
2N50K-TA UTC-2N50K-TA Datasheet
208Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
3N70K-MK UTC-3N70K-MK Datasheet
212Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
4N60K-MT UTC-4N60K-MT Datasheet
241Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
11NM40 UTC-11NM40 Datasheet
229Kb / 6P
N-CHANNEL JUNCTIN SILICON FET
13N50K UTC-13N50K Datasheet
208Kb / 7P
N-CHANNEL JUNCTIN SILICON FET
UT4114 UTC-UT4114 Datasheet
179Kb / 4P
N-CHANNEL JUNCTIN SILICON FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com