Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5N50G-TM3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 5N50G-TM3-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N50G-TM3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  5N50G-TM3-R Datasheet HTML 1Page - Unisonic Technologies 5N50G-TM3-R Datasheet HTML 2Page - Unisonic Technologies 5N50G-TM3-R Datasheet HTML 3Page - Unisonic Technologies 5N50G-TM3-R Datasheet HTML 4Page - Unisonic Technologies 5N50G-TM3-R Datasheet HTML 5Page - Unisonic Technologies 5N50G-TM3-R Datasheet HTML 6Page - Unisonic Technologies 5N50G-TM3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
5N50-P
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R205-027.A
5A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 5N50-P is an N-channel power MOSFET adopting
UTC’s advanced technology to provide customers with DMOS,
planar stripe technology. This technology is designed to meet the
requirements of the minimum on-state resistance and perfect
switching performance. It also can withstand high energy pulse in
the avalanche and communication mode.
The UTC 5N50-P can be used in applications, such as active
power factor correction, high efficiency switched mode power
supplies, electronic lamp ballasts based on half bridge topology.
FEATURES
* RDS(ON) < 1.6Ω @VGS = 10 V, ID = 2.5 A
* 100% avalanche tested
* High switching speed
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
5N50L-TA3-T
5N50G-TA3-T
TO-220
G
D
S
Tube
5N50L-TF3-T
5N50G-TF3-T
TO-220F
G
D
S
Tube
5N50L-TF1-T
5N50G-TF1-T
TO-220F1
G
D
S
Tube
5N50L-TF2-T
5N50G-TF2-T
TO-220F2
G
D
S
Tube
5N50L-TM3-R
5N50G-TM3-R
TO-251
G
D
S
Tape Reel
5N50L-TN3-R
5N50G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 5N50G-TM3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N50G-T2Q-T UTC-5N50G-T2Q-T Datasheet
177Kb / 6P
500V N-CHANNEL POWER MOSFET
5N50G-T2Q-T UTC-5N50G-T2Q-T Datasheet
201Kb / 6P
5A, 500V N-CHANNEL POWER MOSFET
5N50G-T2Q-T UTC-5N50G-T2Q-T Datasheet
235Kb / 6P
N-CHANNEL POWER MOSFET
5N50G-TF1-T UTC-5N50G-TF1-T Datasheet
235Kb / 6P
N-CHANNEL POWER MOSFET
5N50G-TF3-T UTC-5N50G-TF3-T Datasheet
177Kb / 6P
500V N-CHANNEL POWER MOSFET
More results

Similar Description - 5N50G-TM3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com