Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N70KL-TND-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 4N70KL-TND-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N70KL-TND-R Datasheet(HTML) 7 Page - Unisonic Technologies

  4N70KL-TND-R Datasheet HTML 1Page - Unisonic Technologies 4N70KL-TND-R Datasheet HTML 2Page - Unisonic Technologies 4N70KL-TND-R Datasheet HTML 3Page - Unisonic Technologies 4N70KL-TND-R Datasheet HTML 4Page - Unisonic Technologies 4N70KL-TND-R Datasheet HTML 5Page - Unisonic Technologies 4N70KL-TND-R Datasheet HTML 6Page - Unisonic Technologies 4N70KL-TND-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4N70K-MT
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R205-037.C
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source
Breakdown Voltage
0
Drain-Source Breakdown Voltage, BVDSS(V)
200
0
400
1
0
0
50
Drain Current vs.
Gate Threshold Voltage
Gate Threshold Voltage, VTH (V)
2
100
150
200
250
300
50
100
150
200
250
300
600 800 1000 1200 1400
3
45
6
7
0
Continuous Drain-Source Diode
Forward Current vs.
Source to Drain Voltage
Source to Drain Voltage, VSD (mV)
0
1
2
6
200
0
Drain-Source On-State Resistance
Characteristics
Drain to Source Voltage, VDS (V)
0
24
8
6
0.5
VGS=10V
ID=2.2A
400 600 800 1000 1200 1400
3
4
5
1.0
1.5
2.0
2.5
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com