Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N70KL-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 6N70KL-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N70KL-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  6N70KL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 6N70KL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 6N70KL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 6N70KL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 6N70KL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 6N70KL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 6N70KL-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
6N70K-MTQ
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R205-051.B
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
700
V
Gate-Source Voltage (Note 2)
VGSS
±30
V
Continuous TC=25°C
ID
6
A
Drain Current
Pulsed
IDM
24
A
Avalanche Current (Note 2)
IAR
6
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
75
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
2.5
V/ns
TO-220
125
TO-220F/TO-220F1
TO-220F2/TO-220F3
42
Power Dissipation
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
55
W
TO-220
1
TO-220F
0.32
TO-220F1/TO-220F2
TO-220F3
0.336
Linear Derarting Factor
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
PD
0.44
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 5mH, IAS = 5.5A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4. ISD ≤ 6A, di/dt ≤140A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-220F
TO-220F1/TO-220F2
TO-220F3
62.5
Junction to Ambient
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
θJA
110
°С/W
TO-220
3.1
TO-220F
1.0
TO-220F1/TO-220F2
TO-220F3
2.9
Junction to Case
TO-251/TO-251S
TO-251S2/TO-251S4
TO-252/TO-252D
θJC
2.27
°С/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com