Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7NM70L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 7NM70L-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7NM70L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  7NM70L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 7NM70L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 7NM70L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 7NM70L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 7NM70L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 7NM70L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 7NM70L-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
7NM70
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R205-047.B
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
700
V
Gate-Source Voltage
VGSS
±30
V
TC = 25°C
7.0
A
Continuous Drain Current
TC = 100°C
ID
4.7
A
Drain Current Pulsed (Note 2)
IDM
28
A
Avalanche Energy, Single Pulsed (Note 3)
EAS
40
mJ
Avalanche Energy, Repetitive, Limited by TJMAX
EAR
14.2
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.2
V/ns
TO-220
142
W
TO-220F/TO-220F1
TO-220F3
48
W
TO-220F2
50
W
Power Dissipation
(TC = 25°C)
TO-251/TO-251S2
TO-252
PD
60
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L=20mH, IAS=2A, VDD=50V, RG=0 Ω, Starting TJ=25°C
4. ISD ≤ 7.0A, di/dt ≤200A/μs, VDD ≤ BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
TO-220/TO-220F
TO-220F1/TO-220F2
TO-220F3
62.5
Junction to Ambient
TO-251/TO-251S2
TO-252
θJA
110
°C/W
TO-220
0.88
TO-220F/TO-220F1
TO-220F3
2.6
TO-220F2
2.5
Junction to Case
TO-251/TO-251S2
TO-252
θJC
2.08
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com