Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT25H16 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FT25H16
Description  Quad Output Fast Read
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT25H16 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FT25H16 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 4Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 5Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 6Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 7Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 8Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 9Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 10Page - List of Unclassifed Manufacturers FT25H16 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Fremont Micro Devices
Preliminary FT25H16
© 2014 Fremont Micro Devices Inc.
Confidential Rev1.1
DS25H16-page7
3. MEMORY ORGANIZATION
FT25H16
Each Device has
Each block has
Each sector has
Each page has
2M
64/32K
4K
256
bytes
8K
256/128
16
-
pages
512
16/8
-
-
sectors
32/64
-
-
-
blocks
UNIFORM BLOCK SECTOR ARCHITECTURE
FT25H16 64K Bytes Block Sector Architecture
Block
Sector
Address range
31
511
1FF000H
1FFFFFH
……
……
……
496
1F0000H
1F0FFFH
30
495
1EF000H
1EFFFFH
……
……
……
480
1E0000H
1E0FFFH
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
……
2
47
02F000H
02FFFFH
……
……
……
32
020000H
020FFFH
1
31
01F000H
01FFFFH
……
……
……
16
010000H
010FFFH
0
15
00F000H
00FFFFH
……
……
……
0
000000H
000FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com