Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT832DB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FT832DB
Description  Primary-Side-Control CC/CV Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT832DB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FT832DB Datasheet HTML 2Page - List of Unclassifed Manufacturers FT832DB Datasheet HTML 3Page - List of Unclassifed Manufacturers FT832DB Datasheet HTML 4Page - List of Unclassifed Manufacturers FT832DB Datasheet HTML 5Page - List of Unclassifed Manufacturers FT832DB Datasheet HTML 6Page - List of Unclassifed Manufacturers FT832DB Datasheet HTML 7Page - List of Unclassifed Manufacturers FT832DB Datasheet HTML 8Page - List of Unclassifed Manufacturers FT832DB Datasheet HTML 9Page - List of Unclassifed Manufacturers FT832DB Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Fremont Micro Devices
FT832DB
© 2012 Fremont Micro Devices Inc.
DS832DB-A0-page7
FUNCTIONAL DESCRIPTION
Operating Description
FT832DB are cost effective and high-performance AC-DC power supply controller for off-line low power
AC-DC applications including battery chargers and adaptors. Without secondary feedback circuit, the
constant voltage (CV) and constant current (CC) control can be achieved accurately.
Start up Control
Start-up current of FT832DB is very low so that a start-up resistor with high resistance and low-wattage
is allowed to supply the start-up power for the controller. The large value startup resistor can minimize
the power loss in application and starts up quickly. A 1.5Mo, 0.25W start-up resistor and a 10uF/25V
Vdd hold-up capacitor are sufficient for an AC-to DC power adapter.
Operating current
The operating current of FT832DB is as low as 1mA. Good efficiency is achieved with the low operating
current together with valley turn on of the external power NPN transistor. Low operating current also
reduces the Vcc hold-up capacitance requirement.
Constant voltage (CV) and constant current (CC) Operation
The FT832DB can accurately achieve CV/CC characteristic output without secondary side voltage and
current-feedback circuits. It operates in CV mode to regulate the output voltage by capturing the
auxiliary winding feedback voltage at FB pin. The auxiliary winding feedback voltage is proportional to
secondary winding, so it provides controller the feedback signal from secondary side and achieves
constant-voltage output. In CC mode, the controller detects the secondary discharger peak current and
the discharger time, which determines the off-time of the base driver to make the output average
current constant. In the CV or CC mode, the primary side peak current is constant if the Rcs is settled.
Leading edge blanking
Each time the power NPN transistor is switched on, a turn-on spike occurs at the sense resistor. To
avoid premature termination of the switching pulse, a 400ns leading edge blanking time is built in.
Conventional RC filtering can therefore be omitted. During this blanking period, the current limit
comparator is disabling and cannot switch off the base driver.
Under voltage lockout (UVLO)
FT832DB turn-on [Vcc(on)] and turn-off [Vcc(off)] are 15V and 5.4V. During start-up, the hold-up
capacitor must to be charged to 15V through the start-up resistor. The hold-up capacitor continues to
supply Vcc until power can be delivered from the auxiliary winding of the transformer. Vcc must not drop
below 5.4V during this start-up process. This UVLO hysteresis window ensures that hold-up capacitor is
sufficient to supply Vcc during start-up.
Protection control
With rich protection features of FT832DB, a good power supply system reliability is achieved. The
protection features including cycle by cycle current limiting, Vcc over voltage protection and clamp,



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com