Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT838NB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FT838NB
Description  Low-Power Off-Line CC/CV Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT838NB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FT838NB Datasheet HTML 2Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 3Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 4Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 5Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 6Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 7Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 8Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 9Page - List of Unclassifed Manufacturers FT838NB Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Fremont Micro Devices
FT838NB/FT838RNA
FUNCTIONAL DESCRIPTION
Operating Description
FT838NB/FT838RNA is a cost effective and high-performance AC-DC power supply controller for off-line low
power AC-DC applications including battery chargers, adaptors and LED lighting. The constant voltage (CV)
and constant current (CC) control are achieved accurately without the secondary feedback circuit.
Start up Control
Start-up current of FT838NB is very low so that a start-up resistor with high resistance and low-wattage is
allowed to supply the start-up power for the controller. The large value startup resistor minimizes the power
loss in operations and allows quick start up. FT838RNA increases the start-up current slightly to ensure the
smooth shutting down operations in LED lighting applications with relaxed requirement on external board
design.
Operating current
The operating current of FT838NB/FT838RNA is as low as 500uA. Good efficiency is achieved with the low
operating current. Low operating current also reduces the Vcc hold-up capacitance requirement.
Constant voltage (CV) and constant current (CC) Operation
The FT838NB/FT838RNA can accurately achieve CV/CC characteristic output without secondary side
voltage and current-feedback circuits. It operates in CV mode to regulate the output voltage by capturing the
auxiliary winding feedback voltage at FB pin. The auxiliary winding feedback voltage is proportional to
secondary winding, so it provides controller the feedback signal from secondary side and achieves
constant-voltage output. In CC mode, the controller detects the secondary discharger peak current and the
discharger time, which determines the off-time of the base driver to make the output average current
constant.
Primary peak current modulation
Primary peak current is constant at constant current mode. And primary peak current is modulated at constant
voltage mode for the purposes of good dynamic load response and no audible noise over entire operating
range. According to the output loading current the current threshold voltage is modulated from 0.55V to 0.27V.
The current threshold voltage is 0.55V at rated load and 0.27V at light load.
Leading edge blanking
Each time the power NPN transistor is switched on, a turn-on spike occurs at the sense resistor. To avoid
premature termination of the switching pulse, a 400ns leading edge blanking time is built in. Conventional RC
filtering can therefore be omitted. During this blanking period, the current limit comparator is disabling and
cannot switch off the base driver.
Under voltage lockout (UVLO)
FT838NB/FT838RNA turn-on Vcc_on and turn-off Vcc_off are 17.6 V and 6.6 V, respectively. During start-up,
the hold-up capacitor must to be charged to 17.6V through the start-up resistor. The hold-up capacitor
continues to supply Vcc until power can be delivered from the auxiliary winding of the transformer. Vcc must
not drop below 6.6 V during this start-up process. This UVLO hysteresis window ensures that hold-up
capacitor is sufficient to supply Vcc during start-up.
© 2012 Fremont Micro Devices Inc.
Confidential Rev. 0.8
DS838NB/838RNA-A-page7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com