Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM-08 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IPM-08
Description  Rugged construction and slim modularized design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPM-08 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IPM-08 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPM-08 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IPM-08
8" LCD Industrial Flat Panel Monitor
All specifications are subject to change without prior notice
Design Drawings
AV input
IPM-08
: 8” Industrial Flat Panel Monitor with VGA
+ Video input or BNC input
IPM-08T/C
: 8” Industrial Flat Panel Monitor with VGA
+ Video input or BNC input, with touch screen and RS232 controller
IPM-08T/U
: 8” Industrial Flat Panel Monitor with VGA
+ Video input or BNC input, with touch screen and USB controller
DC-DC Power
: DC 8 ~ 30v input power module
Ordering Information
·CE/FCC/ROHS
Certification and Approvals
Unit : mm
Panel Mount
Cut out



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com