Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPM-10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IPM-10
Description  Rugged construction and slim modularized design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPM-10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IPM-10 Datasheet HTML 1Page - List of Unclassifed Manufacturers IPM-10 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IPM-10
10.4" LCD Industrial Flat Panel Monitor
All specifications are subject to change without prior notice
Features
.
10.4”SVGA TFT LCD Panel support 800 × 600 pixels
.
6mm Aluminum front bezel with strengthen glass
.
Rugged construction and slim modularized design
.
Input signal : VGA + DVI + AUDIO
.
230 cd/m2 brightness
.
OSD control keys to optimize the display
.
AC 100-240V wide range external ac adapter
.
Panel ( Flush ) mount with bracket
.
NEMA4 / IP 65 compliant front panel
.
Meet standard VESA hole ( 75x75 mm ), support desk top stand /
wall mount/ swing arm mounting
Design Drawings
Construction
: Heavy duty steel and aluminum front panel
Dimensions (WxHxD)
: 305 x 220 x 36 mm
Weight
: Net: 3.5kg , Gross:5.0 kg
Operating temperature : 0 °C to 50 °C
Storage temperature
: -20 °C to 60 °C
Storage humidity
: 10% to 90% non-condensing
Anti-Vibration
: 17HZ-500 HZ 1G PTP
Anti-Shock
:1G / peak( 11m sec)
Mechanical and Environmental
Display Type : 10.4" SVGA TFT LCD
Resolution : 800 × 600
Max.color : 16.2M
Luminance : 230 cd/m2
View Angle : 120°(H) , 100°(V)
Pixel Pitch : 0.264 x 0.264 mm
Contrast Ratio : 500 : 1
Response Time : 35 ms
LCD MTBF : 50,000hrs
TFT characteristics
Specifications
RGB Signal
: D-SUB 15P Connector (female)
DC input
: DC Jack (2.1mm)
Video input (option)
: RCA Connector
S-Video signal (option)
: S-Video (SVHS)plug
DVI-D Signal
: DVI-D input 24pin connector (female)
Touch screen RS232 (option)
: D-SUB 9p connector (female)
Touch screen USB (option)
: USB-A type connector (female)
Input Signals
Touch Screen
: Resistive Type with USB and RS232 controller
DC Power Input : wide Range 8~30v DC input
AV input
: Composite video/audio, S-video input
Available Options
Input: 100~240VAC,50/60Hz
Output: DC12V@ 5A / 60W ,external ac adapter
Power Specifications
TouchScreen-USB
Video in
Audio in
TouchScreen-RS232
DC-in Jack
VGA in
DVI in
S-Video
Video Audio in
R L


Similar Part No. - IPM-10

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
IPM-1112 JDSU-IPM-1112 Datasheet
171Kb / 4P
Miniature Integrated Power Monitor
IPM-1113 JDSU-IPM-1113 Datasheet
171Kb / 4P
Miniature Integrated Power Monitor
IPM-1114 JDSU-IPM-1114 Datasheet
171Kb / 4P
Miniature Integrated Power Monitor
IPM-1122 JDSU-IPM-1122 Datasheet
171Kb / 4P
Miniature Integrated Power Monitor
IPM-1123 JDSU-IPM-1123 Datasheet
171Kb / 4P
Miniature Integrated Power Monitor
More results

Similar Description - IPM-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPC-2000 ETC2-EPC-2000 Datasheet
2Mb / 2P
Fanless, Cable-less and Modularized Design
IPM-08 ETC2-IPM-08 Datasheet
113Kb / 2P
Rugged construction and slim modularized design
IPM-12 ETC2-IPM-12 Datasheet
710Kb / 2P
Rugged construction and slim modularized design
IPM-15 ETC2-IPM-15 Datasheet
365Kb / 2P
Rugged construction and slim modularized design
IPM-17 ETC2-IPM-17 Datasheet
328Kb / 2P
Rugged construction and slim modularized design
IPM-19 ETC2-IPM-19 Datasheet
313Kb / 2P
Rugged construction and slim modularized design
IPM-22W ETC2-IPM-22W Datasheet
284Kb / 2P
Rugged construction and slim modularized design
OPD-10HO ETC2-OPD-10HO Datasheet
70Kb / 2P
Rugged construction and modularized design
logo
Ohmite Mfg. Co.
RES-50 OHMITE-RES-50 Datasheet
508Kb / 2P
Rugged construction
logo
TT Electronics.
TD4 TTELEC-TD4 Datasheet
306Kb / 2P
rugged construction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com