Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPPC-104D-2R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IPPC-104D-2R
Description  Front 6mm aluminum bezel with IP65 compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IPPC-104D-2R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IPPC-104D-2R Datasheet HTML 1Page - List of Unclassifed Manufacturers IPPC-104D-2R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All specifications are subject to change without prior notice
Features
1. 10.4" LED Panel support 800 × 600pixels 
2. Intel Atom D525 ( Dual‐core 1.8GHz processor ) CPU with 667 MHz FSB 
3. Front 6mm aluminum bezel with IP65 compliant  
4. Front hardness glass protect screen ( touch option ) 
5. 3COM (1xRS485), 1xLPT, 2x PS/2, 1xVGA, 4xUSB, 2xLAN, 1x AUDIO、MIC 
6. 1 xMini PCIe slot 
7.Back For Power LED and HDD LED Indication 
8. Wireless LAN with antenna (option) 
9. Panel ( Flush ) mount with clips 
10. Wide range DC 8‐30V input (option) 
11. Standard VESA 75/100mm support stand ,wall mount and swing arm 
I/O Appearance
Various applications
1. Control or data entry operator interfaces
2. Information management and retrievals
3. Entertainment management systems
4. Point of sale (POS) terminals
5. Banking /office automation
Specifications
CPU
Intel Atom D525 ( Dual-core 1.8GHz processor ) CPU with 667 MHz FSB
Chipset
Intel Atom D525 +ICH8M
Memory
1x SODIMM DDR3 800/1066/1333 SDRAM up to 4 GB
HDD
Space for 1x 2.5" 320G SATA HDD
Ethernet
Two LAN onboard: 2x Realtek ® RL8111x (Gigabit ) 10/100/1000Ethernet
Graphic
Intel GMA3150 chipset
Audio
Realtek ® ALC662, 5.1 channel surround audio
Mounting
Panel / VESA 75 X 75mm and 100 x 100mm
Construction
Aluminum front bezel and Aluminum chassis
DimensionWxHxD ( mm )
287.4 x 227.4 x 68mm
 
 
 
 
 
System 
Weight ( kgs )
4.5KG
IPPC-104D-2R
10.4" LED Industrial Panel PC with intel® ATOM
(Dual-core 1.8G) Processor
COM2
Mouse
LPT
2 x LAN
Line out
Reset SW HDD-LED
DC-input keyboard COM1
VGA
4 X USB
MIC input
COM3
PWR SW
PWR-LED


Similar Part No. - IPPC-104D-2R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPPC-120D-2R ETC2-IPPC-120D-2R Datasheet
950Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-150D-2R ETC2-IPPC-150D-2R Datasheet
1Mb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-170D-2R ETC2-IPPC-170D-2R Datasheet
776Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-185W-2R ETC2-IPPC-185W-2R Datasheet
809Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-190D-2R ETC2-IPPC-190D-2R Datasheet
774Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
More results

Similar Description - IPPC-104D-2R

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P1177S-871 AXIOMTEK-P1177S-871 Datasheet
358Kb / 2P
Robust aluminum with IP65 compliant front bezel design
logo
List of Unclassifed Man...
IPPC-084D-2R ETC2-IPPC-084D-2R Datasheet
1,018Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-120D-2R ETC2-IPPC-120D-2R Datasheet
950Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-150D-2R ETC2-IPPC-150D-2R Datasheet
1Mb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-170D-2R ETC2-IPPC-170D-2R Datasheet
776Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-185W-2R ETC2-IPPC-185W-2R Datasheet
809Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-190D-2R ETC2-IPPC-190D-2R Datasheet
774Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
IPPC-220W-2R ETC2-IPPC-220W-2R Datasheet
806Kb / 2P
Front 6mm aluminum bezel with IP65 compliant
logo
Axiomtek Co., Ltd.
P1197E-861 AXIOMTEK-P1197E-861 Datasheet
438Kb / 2P
Robust aluminum with IP65 compliant front bezel design
logo
AAEON Technology
OMNI-3195HTT-BT-A1-1010 AAEON-OMNI-3195HTT-BT-A1-1010 Datasheet
200Kb / 2P
IP65 Compliant Front Bezel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com