Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL2575 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TL2575
Description  TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2575 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL2575_15 Datasheet HTML 9Page - Texas Instruments TL2575_15 Datasheet HTML 10Page - Texas Instruments TL2575_15 Datasheet HTML 11Page - Texas Instruments TL2575_15 Datasheet HTML 12Page - Texas Instruments TL2575_15 Datasheet HTML 13Page - Texas Instruments TL2575_15 Datasheet HTML 14Page - Texas Instruments TL2575_15 Datasheet HTML 15Page - Texas Instruments TL2575_15 Datasheet HTML 16Page - Texas Instruments TL2575_15 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TL2575-05
7-V to 40-V
Unregulated
DC Input
CIN
100
µF
+
+VIN
1
3
GND
5
ON/OFF
D1
1N5819
OUTPUT
2
L1
330
µH
COUT
330
µF
+
FEEDBACK
4
5-V
Regulated
Output
1-A Load
L2
20
µH
C1
100
µF
+
Optional Output Ripple Filter
TL2575, TL2575HV
www.ti.com
SLVS638C – JANUARY 2006 – REVISED NOVEMBER 2014
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Typical Application
Pin numbers are for the KTT (TO-263) package.
Figure 12. Typical Application Circuit (Fixed Version)
10.1.1 Design Requirements
•
Input capacitor for stability
•
Output capacitor for loop stability and ripple filtering
•
Catch diode to filter noise
•
Output inductor depending on the mode of operation
10.1.2 Detailed Design Procedure
10.1.2.1 Input Capacitor (CIN)
For stability concerns, an input bypass capacitor (electrolytic, CIN ≥ 47 μF) needs to be located as close as
possible to the regulator. For operating temperatures below –25°C, CIN may need to be larger in value. In
addition, since most electrolytic capacitors have decreasing capacitances and increasing ESR as temperature
drops, adding a ceramic or solid tantalum capacitor in parallel increases the stability in cold temperatures.
To extend the capacitor operating lifetime, the capacitor RMS ripple current rating should be calculated as shown
in Equation 1.
IC,RMS > 1.2 (ton / T) ILOAD
where
•
ton/T = VOUT/VIN {buck regulator}
•
ton/T = |VOUT|/(|VOUT| + VIN) {buck-boost regulator}
(1)
10.1.2.2 Output Capacitor (COUT)
For both loop stability and filtering of ripple voltage, an output capacitor is required, again in close proximity to
the regulator. For best performance, low-ESR aluminum electrolytics are recommended, although standard
aluminum electrolytics may be adequate for some applications as shown in Equation 2.
Output ripple voltage = (ESR of COUT) × (inductor ripple current)
(2)
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TL2575 TL2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com