Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB38D Datasheet(PDF) 1 Page - Micro Electronics

Part # MSB38D
Description  SOLID STATE INDICATORS ARE 3mm DIAMETER FLANGELESS LED LAMP
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MSB38D Datasheet(HTML) 1 Page - Micro Electronics

  MSB38D Datasheet HTML 1Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - MSB38D

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MSB38TA-1 MICRO-ELECTRONICS-MSB38TA-1 Datasheet
43Kb / 1P
ULTRA HIGH BRIGHTNESS RED LED LAMP
More results

Similar Description - MSB38D

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MGB34C MICRO-ELECTRONICS-MGB34C Datasheet
110Kb / 2P
SOLID STATE INDICATORS ARE 3mm DIAMETER CYLIMDRIC LAMPS
MOB61DR MICRO-ELECTRONICS-MOB61DR Datasheet
57Kb / 1P
SOLID STATE INDICATORS ARE ENCAPSULATED
MRB47D MICRO-ELECTRONICS-MRB47D Datasheet
50Kb / 1P
SOLID STATE INDICATORS ARE 4.7mm DIAMETER FLANGCLESS LED LAMP
MRB48D MICRO-ELECTRONICS-MRB48D Datasheet
51Kb / 1P
SOLID STATE INDIEATORS ARE 4.8mm DIAMETER FLANGCLESS LED LAMP
logo
Kingbright Corporation
WP7104NC KINGBRIGHT-WP7104NC Datasheet
413Kb / 6P
T-1 (3mm) SOLID STATE LAMP
L-934SF4C KINGBRIGHT-L-934SF4C Datasheet
59Kb / 3P
T-1 (3mm) SOLID STATE LAMP
WP3A8ID KINGBRIGHT-WP3A8ID Datasheet
264Kb / 6P
T-1 (3mm) SOLID STATE LAMP
WP34AD KINGBRIGHT-WP34AD Datasheet
104Kb / 4P
T-1 (3mm) SOLID STATE LAMP
WP34HD KINGBRIGHT-WP34HD Datasheet
101Kb / 4P
T-1 (3mm) SOLID STATE LAMP
WP132XGT KINGBRIGHT-WP132XGT Datasheet
262Kb / 6P
T-1 (3mm) SOLID STATE LAMP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com