Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CNN Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CNN
Description  thin film chip networks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CNN Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CNN Datasheet HTML 1Page - KOA Speer Electronics, Inc. CNN Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
103
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
12/17/13
CNN
thin film chip networks
Resistance
Tolerance
Resistance
(Ω)
Part
Designation
Maximum
Working
Voltage
Power
Rating
w/Element
applications and ratings
CNN
0.05
A: ±0.05%
50V
5
B: ±0.1%
DeratingCurve
environmental applications
100
80
60
40
20
-60
-40
0
40
6080100160
125
20
Ambient Temperature
(°C)
0
70
120
-20
140
-55
Maximum
Overload
Voltage
Rated
Ambient
Temperature
Operating
Temperature
Range
100V
-55°C to
+125°C
+70°C
1K,10k,100k
Relative Absolute
±25
Absolute
Relative
T.C.R.
(ppm/°C)
B: ±0.1%
C: ±0.25%
ApplicationExample
1k
10k
–
+
PerformanceCharacteristics
Parameter
Requirement∆R±(%+0.05Ω)
Limit
Typical
TestMethod
Resistance
T.C.R.
25°C
+25°C/-55°C, +25°C/+125°C
Within specified
tolerance
Within specified
T.C.R.
—
—
Overload (Short time)
Rated voltage x 2.5 or Max. overload volume, whichever is less, for 5 seconds
±0.1%
±0.01%
Resistance to Soldering Heat
260°C ± 5°C, 10 seconds ± 1 second
±0.1%
±0.02%
Rapid Change of Temperature
-55°C (30 minutes), +125°C (30 minutes), 5 cycles
±0.25%
±0.01%
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±0.25%
±0.03%
Endurance at 70°C
70°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
±0.25%
±0.03%
High Temperature Exposure
+125°C, 100 hours
±0.25%
±0.02%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com