Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCN Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # CPCN
Description  fixed ceramic melf resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CPCN Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  CPCN Datasheet HTML 1Page - KOA Speer Electronics, Inc. CPCN Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CPCN
fixed ceramic melf resistor
Maximum
Overload
Voltage
Nominal
Resistance Resistance
Tolerance
Maximum
Working
Voltage
Type
Rated
Ambient
Temperature
Operating
Temperature
Range
Power
Rating
applications and ratings
T.C.R.
(ppm/°C)
CPCN1/2
CPCN1
CPCN2N
CPCN3
0.5W
1.0W
1.5W
2.0W
-1200±300
M: ±20%
86V
122V
150V
173V
215V
305V
375V
432V
+40°C
15kΩ
1kΩ, 2kΩ, 5kΩ,
10kΩ, 15kΩ
-40°C
to
+200°C
Rated Voltage = √Power Rating x Resistance Value or Maximum Working Voltage, whichever is lower.
DeratingCurve
environmental applications
100
80
60
40
20
-60 -40 -20
0
40 6080100180
20
Ambient Temperature
(°C)
0
120 140 160
200
PerformanceCharacteristics
Parameter
Requirement∆R±(%+0.05Ω)
Limit
Typical
TestMethod
Within regulated
tolerance
No mechanical
damages
Resistance
1kΩ, 2kΩ, 5kΩ
10kΩ, 15kΩ
0 ~ -0.2%/V
-1200±300ppm/°C
10V
30V
Measurement Voltage
The resistance measurement before and after the examination should be performed in room temperature with difference ±1°C.
Resistance
T.C.R.
Voltage Coefficient
+25°C/-40°C and +25°C/+125°C
Rated voltage and rated voltage x 10%
25°C
—
—
—
2
Overload
Rated voltage x 2.5 or max. overload voltage for 5 seconds, whichever is less
0.3
30
Load Life at High Voltage Pulse
Resistor Body Strength
Continuous 250h high voltage pulse on the test circuit (Refer to JIS D5111)
CPCN1/2, CPCN1 in insulation oil
—
5.0
Rapid Change of Temperature
-55°C (15 minutes), +155°C (15 minutes), 500 cycles
—
5.0
Moisture Resistance
40°C ± 2°C, 90 - 95% RH, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
0.9
5.0
Load Life
40°C ± 2°C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle
0.7
5.0
Low Temperature Operation
-40°C, 24 hours
0.7
5.0
High Temperature Exposure
+200°C, 1000 hours
2.0
—
Type
Holding Distance
Time
10 seconds
Force
98N (10kgf)
490N (50kgf)
5.0 ± 0.2mm
9.0 ± 0.3mm
12.3 ± 0.3mm
CPCN1/2
CPCN1
CPCN2N
CPCN3
141
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/20/14
For resistors operated at an ambient
temperature of 40°C or higher, the power
rating shall be derated in accordance
with this derating curve.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com