Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE70MP1004 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE70MP1004
Description  50 Ohm SMA Female To 75 Ohm F Female Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE70MP1004 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE70MP1004 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE70MP1004 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE70MP1004 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE70MP1004 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
50 Ohm SMA Female To 75 Ohm F Female Matching Pad Operating From 0.009 MHz to 3 GHz RoHS Compliant from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Ohm SMA Female To 75 Ohm F Female Matching Pad Operating From 0.009 MHz to 3 GHz
RoHS Compliant PE70MP1004
URL: http://www.pasternack.com/50-ohm-sma-female-75-ohm-f-female-matching-pad-3-ghz-pe70mp1004-p.aspx
PE70MP1004
PE70MP1004 REV 1.0
50 Ohm SMA Female To 75 Ohm F Female Matching Pad
Operating From 0.009 MHz to 3 GHz RoHS Compliant
Matching Pads Technical Data Sheet



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com