Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLRH Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # TLRH
Description  metal plate chip type low resistance resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

TLRH Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  TLRH Datasheet HTML 1Page - KOA Speer Electronics, Inc. TLRH Datasheet HTML 2Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
62
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
11/30/14
TLRH
metal plate chip type low resistance resistors
features
F: ±1%
T: Sn
±1%: 4 digits
Example
33L0: 33mΩ
R100: 100mΩ
2A: no marking
2A: 0.25W
3AW: 2.0W
2A: TD: 7" 4mm pitch
punched paper
3AW: TE:
7" punched plastic
TLRH
Power
Rating
Nominal
Resistance
Terminal
SurfaceMaterial
Packaging
NewPart#
3AW
TE
33L0
F
T
For further information on packaging,
please refer to Appendix A.
dimensions and construction
d
W
t
L
Protective
Coating
Resistive
Element
Ni Plating
Inner
Electrode
Sn Plating
Size
Code(Inch) LW
d
t
Dimensionsinches(mm)
TLRH2A
(0805)
TLRH3AW
(2512)
EU
Type
Tolerance
ordering information
.079±.008
(2.00±0.20)
.049±.008
(1.25±0.20)
.014±.008
(0.35±0.20)
.010±.006
(0.25±0.15)
.248±.008
(6.30±0.20)
.126±.008
(3.20±0.20)
.030±.008
(0.75±0.20)
.020±.008
(0.50±0.20)
• SMD Type of small size, low resistance
resistor for current detection
• Carrier metal plate inside, resistor of high radiation
of heat structure (3AW)
• High reliability and performance with low T.C.R.
• Automatic mounting machines are applicable
• Body color: Black protective top coating,
2A: no marking; 3AW 4 digit marking
• Products with lead-free terminations meet
EU RoHS requirements
• AEC-Q200 Qualified
2A
W
t
d
L
Protective
Coating
Resistive
Element
Carrier
Metal Plate
Insulation
Ni Plating
Inner
Electrode
Sn Plating
3AW


Similar Part No. - TLRH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLRH1100 TOSHIBA-TLRH1100 Datasheet
371Kb / 10P
PANEL CIRCUIT INDICATOR
TLRH1100B TOSHIBA-TLRH1100B Datasheet
292Kb / 13P
Panel Circuit Indicator
TLRH1100T09 TOSHIBA-TLRH1100T09 Datasheet
371Kb / 10P
PANEL CIRCUIT INDICATOR
TLRH1102 TOSHIBA-TLRH1102 Datasheet
292Kb / 6P
SMT LEDs
More results

Similar Description - TLRH

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TLRH2H KOA-TLRH2H Datasheet
84Kb / 2P
metal plate chip type lowresistance resistors
TLR2BDTE KOA-TLR2BDTE Datasheet
89Kb / 4P
Chip-Type Metal Plate Low-Resistance Resistor
BPR58CFR10J KOA-BPR58CFR10J Datasheet
252Kb / 2P
rectangular type metal plate resistors
TLR1EDTP2L00F KOA-TLR1EDTP2L00F Datasheet
281Kb / 2P
metal plate chip type low resistance resistor
TLRH3AWTTE33L0F KOA-TLRH3AWTTE33L0F Datasheet
301Kb / 2P
metal plate chip type low resistance resistors
TLR1E-2A-TLRZ KOA-TLR1E-2A-TLRZ Datasheet
406Kb / 2P
metal plate chip type low resistance resistor
logo
WALSIN TECHNOLOGY CORPO...
WW25M WALSIN-WW25M Datasheet
199Kb / 7P
Metal Plate Low Ohm Power Chip Resistors
WW25Q WALSIN-WW25Q Datasheet
238Kb / 8P
Metal plate low ohm power chip resistors
WW25R WALSIN-WW25R Datasheet
246Kb / 8P
Metal Plate Low Ohm Power Chip Resistors
WW25R_J WALSIN-WW25R_J Datasheet
239Kb / 8P
Metal plate low ohm power chip resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com