Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MY231A Datasheet(PDF) 1 Page - Micro Electronics

Part # MY231A
Description  0.3 DUAL DIGIT NUMERIC DISPLAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MY231A Datasheet(HTML) 1 Page - Micro Electronics

  MY231A Datasheet HTML 1Page - Micro Electronics MY231A Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - MY231A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MY2 OMRON-MY2 Datasheet
1Mb / 20P
General-purpose Relay
MY2 OMRON-MY2 Datasheet
878Kb / 27P
General-purpose Relays and Power Relays Sockets
01/07
MY2 OMRON-MY2 Datasheet
2Mb / 20P
General-purpose Relay
logo
Microsemi Corporation
MY200X MICROSEMI-MY200X Datasheet
116Kb / 3P
25AMP FAST RECOVERY FULL WAVE BRIDGE RECTIFIER
MY200X MICROSEMI-MY200X Datasheet
124Kb / 3P
25Amp Fast Recovery Full Wave Bridge Rectifier
More results

Similar Description - MY231A

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
logo
Micro Electronics
MR231A MICRO-ELECTRONICS-MR231A Datasheet
61Kb / 2P
0.3 DUAL DIGIT NUMBERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
MY131A-C MICRO-ELECTRONICS-MY131A-C Datasheet
74Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SA03-11EWA KINGBRIGHT-SA03-11EWA Datasheet
153Kb / 5P
7MM (0.3 INCH) SINGLE DIGIT NUMERIC DISPLAYS
logo
Everlight Electronics C...
ELD-306SYGWA EVERLIGHT-ELD-306SYGWA Datasheet
123Kb / 6P
0.3 inch Dual Digit Displays
ELD-305USOWA EVERLIGHT-ELD-305USOWA Datasheet
122Kb / 6P
0.3 inch Dual Digit Displays
ELD-305SYGWA EVERLIGHT-ELD-305SYGWA Datasheet
123Kb / 6P
0.3 inch Dual Digit Displays
ELD-306SURWA-S530-A3 EVERLIGHT-ELD-306SURWA-S530-A3_09 Datasheet
129Kb / 6P
0.3" Dual Digit Displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com