Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF830KG-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF830KG-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF830KG-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF830KG-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF830KG-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF830KG-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF830KG-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF830KG-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF830KG-TN3-R Datasheet HTML 6Page - Unisonic Technologies UF830KG-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UF830K-MT
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R209-030.D
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, Unless Otherwise Specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage (TJ=25°C ~125°C)
VDS
500
V
Drain to Gate Voltage (RGS=20kΩ, TJ=25°C ~125°C)
VDGR
500
V
Gate to Source Voltage
VGS
±30
V
Drain Current
Continuous
ID
4.5
A
Pulsed
IDM
18
A
Power Dissipation (TC = 25°C)
TO-220
PD
73
W
TO-220F/TO-220F1
TO-220F3
38
W
TO-220F2
40
W
TO-251/TO-251S
TO-251S2/ TO-251S4
TO-252/TO-252D
46
W
Single Pulse Avalanche Energy Rating (Note 2)
EAS
300
mJ
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. VDD=50V, starting TJ =25°C, L=25mH, RG=25Ω, peak IAS=4.5A
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
TO-220F1/TO-220F2
TO-220F3
θJA
62.5
°C/W
TO-251/TO-251S
TO-251S2/ TO-251S4
TO-252/TO-252D
100.3
°C/W
Junction to Case
TO-220
θJC
1.71
°C/W
TO-220F/TO-220F1
TO-220F3
3.31
°C/W
TO-220F2
3.125
°C/W
TO-251/TO-251S
TO-251S2/ TO-251S4
TO-252/TO-252D
2.7
°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com