Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT138FGL-8-TF3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT138FGL-8-TF3-R
Description  TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT138FGL-8-TF3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT138FGL-8-TF3-R Datasheet HTML 1Page - Unisonic Technologies UT138FGL-8-TF3-R Datasheet HTML 2Page - Unisonic Technologies UT138FGL-8-TF3-R Datasheet HTML 3Page - Unisonic Technologies UT138FGL-8-TF3-R Datasheet HTML 4Page - Unisonic Technologies UT138FGL-8-TF3-R Datasheet HTML 5Page - Unisonic Technologies UT138FGL-8-TF3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UT138FF/FG
TRIAC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R401-020.C
TYPICAL CHARACTERISTICS
T(s)
Maximum Permissible Non-Repetitive Peak On-
state Current ITSM, Vs Pulse Width tp,for
Sinusoidal Currents ,tp≤20ms.
510
0
20
5
IT(RMS) (A)
Maximum On-State Dissipation,
Ptot Vs RMS On-state Current, IT(RMS),
Whereα=Conduction Angle.
15
0
15
10
100ms
95
117.5
102.5
125
110
Ptot (W)
Tmb(max) °(C)
α
α
ITSM (A)
1ms
100us
10us
1000
10
100
10ms
IT
ITSM
time
TJ initial=25°Cmax
dIT/dt limit
T2-G+ quadrant
T
α=180
α=120
α=90
α=60
α=30
25
10
Surge Duration (S)
15
20
5
0
Maximum Permissible Repetitive RMS On-state
Current IT(RMS), Vs Surge Duration, For Sinusoidal
Currents, f=50Hz, TMP≤99°C
IT(RMS) (A)
0.01
0.1
1
10
100 150
-50
50
0
1.6
0.8
TJ (°C)
1.2
1.4
1
0.6
0.4
Normalised Gate Trigger Voltage
VGT(TJ)/VGT(25°C), Vs Junction
Temperature, TJ
VGT(25°C)
VGT(TJ)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com