Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7317G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT7317G-S08-R
Description  DUAL N-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT7317G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT7317G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT7317G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT7317G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT7317G-S08-R Datasheet HTML 4Page - Unisonic Technologies UT7317G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UT7317
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-141.B
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
Continuous Drain Current (Note 3)
ID
6
A
Pulsed Drain Current (Note 3)
IDM
24
Power Dissipation
PD
2.5
W
Maximum Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note3)
θJA
50
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250uA
30
V
Drain-Source Leakage Current
IDSS
VDS=24V, VGS=0V
1
uA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250uA
1
1.5
2
V
Drain-Source On-State Resistance (Note2)
RDS(ON)
VGS=10V, ID=3.5A
21
28
mΩ
VGS=4.5V, ID=2A
27
42
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS=0V,VDS=25V,f=1.0MHz
1200
pF
Output Capacitance
COSS
210
pF
Reverse Transfer Capacitance
CRSS
95
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note2)
tD(ON)
VDD=15V, VGS=10V, ID=2A,
RG=6Ω
11
22
ns
Turn-ON Rise Time
tR
17
33
ns
Turn-OFF Delay Time
tD(OFF)
37
68
ns
Turn-OFF Fall Time
tF
20
38
ns
Total Gate Charge (Note2)
QG
VDS=15V, VGS=10V, ID=10A
30
36
nC
Gate-Source Charge
QGS
5.8
nC
Gate-Drain Charge
QGD
3.8
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
IS=2A, VGS=0V
0.7
1.3
V
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300us, duty cycle ≤2%.
3. Surface Mounted on 1in
2 pad area, t≤10sec.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com