Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8067G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT8067G-S08-R
Description  N-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT8067G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT8067G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT8067G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT8067G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT8067G-S08-R Datasheet HTML 4Page - Unisonic Technologies UT8067G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT8067
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R210-005.b
9A, 30V, N-CHANNEL MOSFET
DESCRIPTION
The UTC UT8067 is an N-channel MOSFET, it uses UTC’s
advanced technology to provide the customers with high switching
speed and a minimum on-state resistance, etc.
The UTC UT8067 is suitable for high-efficiency DC-DC
converters, mobile handsets and notebook PCs.
FEATURES
* RDS(ON) < 33 mΩ @ VGS=4.5V, ID=4.5A
* High switching speed
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
4
5
6
7
8
Packing
UT8067G-S08-R
SOP-8
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: S: Source
G: Gate
D: Drain
MARKING


Similar Part No. - UT8067G-S08-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT8060 ETC2-UT8060 Datasheet
744Kb / 1P
Ultrasonic Cleaning
More results

Similar Description - UT8067G-S08-R

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com