Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTM6006G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTM6006G-S08-R
Description  N-CHANNEL FAST SWITCHING MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTM6006G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTM6006G-S08-R Datasheet HTML 1Page - Unisonic Technologies UTM6006G-S08-R Datasheet HTML 2Page - Unisonic Technologies UTM6006G-S08-R Datasheet HTML 3Page - Unisonic Technologies UTM6006G-S08-R Datasheet HTML 4Page - Unisonic Technologies UTM6006G-S08-R Datasheet HTML 5Page - Unisonic Technologies UTM6006G-S08-R Datasheet HTML 6Page - Unisonic Technologies UTM6006G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTM6006
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-B18.D
6.3A, 60V N-CHANNEL FAST
SWITCHING MOSFET
DESCRIPTION
The UTC UTM6006 is an N-Channel MOSFET, it uses UTC’s
advanced technology to provide customers with a minimum on-state
resistance, high switching speed and low gate charge.
The UTC UTM6006 is suitable for application in networking
DC-DC power system and LCD/LED back light, etc.
FEATURES
* RDS(ON)< 18 mΩ @ VGS=10V, ID=6A
RDS(ON) < 20 mΩ @ VGS=4.5V, ID=4A
* Low gate charge
* Excellent CdV/dt effect decline
* High switching speed
SYMBOL
SOP-8
DFN-8(5x6)
1
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
4
5
6
7
8
Packing
UTM6006G-S08-R
SOP-8
S
S
S
G
D
D
D
D
Tape Reel
UTM6006G-K08-5060-R
DFN-8(5×6)
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING
SOP-8
DFN-8(5×6)


Similar Part No. - UTM6006G-S08-R

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UTM6006L-S08-R DOINGTER-UTM6006L-S08-R Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UTM6006G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N90-E UTC-3N90-E Datasheet
247Kb / 5P
N-CHANNEL FAST SWITCHING MOSFET
UF740-E UTC-UF740-E Datasheet
343Kb / 6P
N-CHANNEL FAST SWITCHING MOSFET
UTM6016 UTC-UTM6016 Datasheet
244Kb / 6P
N-CHANNEL FAST SWITCHING MOSFET
logo
uPI Group Inc.
QM2530M7 UPI-QM2530M7 Datasheet
438Kb / 6P
N-Channel 20V Fast Switching MOSFET
QM3002D UPI-QM3002D Datasheet
583Kb / 8P
N-Channel 30V Fast Switching MOSFET
QM3016AM3 UPI-QM3016AM3 Datasheet
568Kb / 8P
N-Channel 30V Fast Switching MOSFET
QN3102M3N UPI-QN3102M3N Datasheet
3Mb / 8P
N-Channel 30V Fast Switching MOSFET
QN3102M6N UPI-QN3102M6N Datasheet
611Kb / 8P
N-Channel 30V Fast Switching MOSFET
QN3108M3N UPI-QN3108M3N Datasheet
1Mb / 8P
N-Channel 30V Fast Switching MOSFET
QN3120M6N UPI-QN3120M6N Datasheet
611Kb / 8P
N-Channel 30V Fast Switching MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com