Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTN6266G-TA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTN6266G-TA3-R
Description  N-CHANNEL TRENCH MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTN6266G-TA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTN6266G-TA3-R Datasheet HTML 1Page - Unisonic Technologies UTN6266G-TA3-R Datasheet HTML 2Page - Unisonic Technologies UTN6266G-TA3-R Datasheet HTML 3Page - Unisonic Technologies UTN6266G-TA3-R Datasheet HTML 4Page - Unisonic Technologies UTN6266G-TA3-R Datasheet HTML 5Page - Unisonic Technologies UTN6266G-TA3-R Datasheet HTML 6Page - Unisonic Technologies UTN6266G-TA3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UTN6266
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-B28.d
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous
ID
30
A
Drain Current
Pulsed
IDM
90
A
Avalanche Current (Note 3)
IAS
20
A
Avalanche Energy (Note 2, 3)
EAS
280
mJ
TO-220
2
W
TO-251
1.2
W
SOP-8
1.5
W
Power Dissipation
DFN-8(5×6)
PD
1.92
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Single pulse width by junction temperature TJ(max)=150°C.
3. L = 1.4mH, IAS = 20A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
200
°C/W
TO-251
60
°C/W
SOP-8
85
°C/W
Junction to Ambient
DFN-8(5×6)
θJA
65
°C/W
TO-220
4.38
°C/W
TO-251
2.6
°C/W
SOP-8
24
°C/W
Junction-to-Case
DFN-8(5×6)
θJC
12
°C/W
Notes: 1. The θJA is the sum of the thermal impedance from junction to case θJC and case to ambient.
2. The value of θJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com