Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF830KL-TND-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF830KL-TND-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF830KL-TND-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF830KL-TND-R Datasheet HTML 1Page - Unisonic Technologies UF830KL-TND-R Datasheet HTML 2Page - Unisonic Technologies UF830KL-TND-R Datasheet HTML 3Page - Unisonic Technologies UF830KL-TND-R Datasheet HTML 4Page - Unisonic Technologies UF830KL-TND-R Datasheet HTML 5Page - Unisonic Technologies UF830KL-TND-R Datasheet HTML 6Page - Unisonic Technologies UF830KL-TND-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF830K-MT
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R209-030.D
4.5A, 500V, 1.5Ω, N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UF830K-MT is a N-Channel enhancement mode
silicon gate power MOSFET is designed high voltage, high speed
power switching applications such as switching regulators,
switching converters, solenoid, motor drivers, relay drivers.
FEATURES
* RDS(ON) < 1.50Ω @ VGS = 10V, ID = 2.5 A
* Single Pulse Avalanche Energy Rated
* Rugged- SOA is Power Dissipation Limited
* Fast Switching Speeds
* Linear Transfer Characteristics
* High Input Impedance
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UF830KL-TA3-T
UF830KG-TA3-T
TO-220
G
D
S
Tube
UF830KL-TF3-T
UF830KG-TF3-T
TO-220F
G
D
S
Tube
UF830KL-TF1-T
UF830KG-TF1-T
TO-220F1
G
D
S
Tube
UF830KL-TF2-T
UF830KG-TF2-T
TO-220F2
G
D
S
Tube
UF830KL-TF3T-T
UF830KG-TF3T-T
TO-220F3
G
D
S
Tube
UF830KL-TM3-T
UF830KG-TM3-T
TO-251
G
D
S
Tube
UF830KL-TMS-T
UF830KG-TMS-T
TO-251S
G
D
S
Tube
UF830KL-TMS2-T
UF830KG-TMS2-T
TO-251S2
G
D
S
Tube
UF830KL-TMS4-T
UF830KG-TMS4-T
TO-251S4
G
D
S
Tube
UF830KL-TN3-R
UF830KG-TN3-R
TO-252
G
D
S
Tape Reel
UF830KL-TND-R
UF830KG-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UF830KL-TND-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF830KL-TN3-R UTC-UF830KL-TN3-R Datasheet
256Kb / 6P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - UF830KL-TND-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com