Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT75N03G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT75N03G-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT75N03G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT75N03G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT75N03G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT75N03G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT75N03G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTT75N03
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R205-046.B
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
VGS=10V, TC=25°C
(Note 4)
ID
75
A
VGS=10V, TC=100°C
56
A
Pulsed (Note 1)
IDM
300
A
Total Power Dissipation
TC=25°C
PD
50
W
TA=25°C
2
W
Operating Junction Temperature Range
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (PCB Mount) (Note 3)
θJA
62.5
°C/W
Junction to Case
θJC
2.5
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
30
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
10
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=20V, VDS=0V
+100
nA
Reverse
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Static Drain-Source On-State Resistance
(Note 2)
RDS(ON)
VGS=10V, ID=40A
4
mΩ
VGS=4.5V, ID=30A
7
mΩ
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
3900
pF
Output Capacitance
COSS
640
pF
Reverse Transfer Capacitance
CRSS
510
pF
Gate Resistance
RG
f=1.0MHz
1.5
SWITCHING PARAMETERS
Turn-ON Delay Time (Note 2)
tD(ON)
VDS=15V, ID=0.25A, RG=25Ω
VGS=10V
78
ns
Rise Time
tR
140
ns
Turn-OFF Delay Time
tD(OFF)
1100
ns
Fall Time
tF
530
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Forward On Voltage (Note 2)
VSD
IS=40A, VGS=0V
1.2
V
Notes: 1. Pulse width limited by max. junction temperature
2. Pulse test
3. Surface mounted on 1 in
2 copper pad of FR4 board
4. Package limitation current is 75A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com