Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT75N03G-TND-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT75N03G-TND-R
Description  N-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT75N03G-TND-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT75N03G-TND-R Datasheet HTML 1Page - Unisonic Technologies UTT75N03G-TND-R Datasheet HTML 2Page - Unisonic Technologies UTT75N03G-TND-R Datasheet HTML 3Page - Unisonic Technologies UTT75N03G-TND-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT75N03
POWER MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R205-046.B
75A, 30V, N-CHANNEL
ENHANCEMENT MODE
POWER MOSFET
DESCRIPTION
The UTC UTT75N03 is an N-channel enhancement mode
Power MOSFET, it uses UTC’s advanced technology to provide the
customers with high switching and a minimum on-state resistance.
The UTC UTT75N03 is suitable for low voltage applications
such as DC/DC converters.
FEATURES
* RDS(ON)<4mΩ @ VGS=10V, ID=40A
RDS(ON)<7mΩ @ VGS=4.5V, ID=30A
* Low on-resistance
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT75N03L-TN3-R
UTT75N03G-TN3-R
TO-252
G
D
S
Tape Reel
UTT75N03L-TND-R
UTT75N03G-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain S: Source
MARKING


Similar Part No. - UTT75N03G-TND-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT75N08 UTC-UTT75N08 Datasheet
162Kb / 3P
75A, 80V N-CHANNEL POWERTRENCH MOSFET
UTT75N08G-TA3-T UTC-UTT75N08G-TA3-T Datasheet
162Kb / 3P
75A, 80V N-CHANNEL POWERTRENCH MOSFET
UTT75N08G-TF1-T UTC-UTT75N08G-TF1-T Datasheet
162Kb / 3P
75A, 80V N-CHANNEL POWERTRENCH MOSFET
UTT75N08G-TN3-R UTC-UTT75N08G-TN3-R Datasheet
162Kb / 3P
75A, 80V N-CHANNEL POWERTRENCH MOSFET
UTT75N08G-TN3-T UTC-UTT75N08G-TN3-T Datasheet
162Kb / 3P
75A, 80V N-CHANNEL POWERTRENCH MOSFET
More results

Similar Description - UTT75N03G-TND-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com