Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT50P06L-T2Q-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT50P06L-T2Q-R
Description  P-CHANNEL (D-S) POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT50P06L-T2Q-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT50P06L-T2Q-R Datasheet HTML 1Page - Unisonic Technologies UTT50P06L-T2Q-R Datasheet HTML 2Page - Unisonic Technologies UTT50P06L-T2Q-R Datasheet HTML 3Page - Unisonic Technologies UTT50P06L-T2Q-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT50P06
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-596.C
-50A, -60V P-CHANNEL (D-S)
POWER MOSFET
DESCRIPTION
The UTC UTT50P06 is a P-channel power MOSFET using UTC’s
advanced technology to provide the customers with high switching
speed and a minimum on-state resistance, and it can also withstand
high energy in the avalanche.
This UTC UTT50P06 is suitable for load switch, etc.
FEATURES
* VDS = -60V
* ID = -50A
* RDS(ON)=0.012Ω @ VGS=-10V, ID=-17A
* High Switching Speed
SYMBOL
1
TO-252
TO-220
1
TO-262
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT50P06L-TA3-T
UTT50P06G-TA3-T
TO-220
G
D
S
Tube
UTT50P06L-TN3-T
UTT50P06G-TN3-T
TO-252
G
D
S
Tube
UTT50P06L-TN3-R
UTT50P06G-TN3-R
TO-252
G
D
S
Tape Reel
UTT50P06L-T2Q-R
UTT50P06G-T2Q-R
TO-262
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UTT50P06L-T2Q-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT50P06L-T2Q-R UTC-UTT50P06L-T2Q-R Datasheet
177Kb / 4P
P-CHANNEL (D-S) POWER MOSFET
More results

Similar Description - UTT50P06L-T2Q-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3P06 UTC-UT3P06 Datasheet
138Kb / 3P
3A, 60V (D-S) P-CHANNEL POWER MOSFET
UTT50P06 UTC-UTT50P06 Datasheet
144Kb / 3P
-50A, -60V P-CHANNEL (D-S) POWER MOSFET
UTT50P06 UTC-UTT50P06_15 Datasheet
177Kb / 4P
P-CHANNEL (D-S) POWER MOSFET
logo
Leshan Radio Company
LP0404N3T5G LRC-LP0404N3T5G Datasheet
1Mb / 5P
20V, P-Channel (D-S) MOSFET
LP2317DT2AG LRC-LP2317DT2AG Datasheet
882Kb / 5P
20V P-Channel (D-S) MOSFET
LP8207DT1AG LRC-LP8207DT1AG Datasheet
320Kb / 5P
20V P-Channel (D-S) MOSFET
LP8217DT1AG LRC-LP8217DT1AG Datasheet
220Kb / 3P
20V P-Channel (D-S) MOSFET
S-LP2309LT1G LRC-S-LP2309LT1G Datasheet
527Kb / 6P
P-Channel 60V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
TF207P TUOFENG-TF207P Datasheet
3Mb / 6P
P-Channel -20V(D-S) MOSFET
Dec 2020 V1.1
logo
VBsemi Electronics Co.,...
VBE25R04 VBSEMI-VBE25R04 Datasheet
850Kb / 10P
P-Channel 500 V (D-S)Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com