Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UZ0107G-8-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UZ0107G-8-AA3-R
Description  LOGIC LEVEL FOUR-QUADRANT TRIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ0107G-8-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UZ0107G-8-AA3-R Datasheet HTML 1Page - Unisonic Technologies UZ0107G-8-AA3-R Datasheet HTML 2Page - Unisonic Technologies UZ0107G-8-AA3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UZ0107
Preliminary
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R401-038.b
LOGIC LEVEL
FOUR-QUADRANT TRIAC
DESCRIPTION
The UTC UZ0107 is a logic level four-quadrant triac, it uses UTC’s
advanced technology to provide customers with enhanced current
surge capability and high blocking voltage, etc.
The UTC UZ0107 is suitable for low power AC Fan controllers,
industrial process control and general purpose low power motor
control, etc.
FEATURES
* VDRM≤600V, IGT≤5mA, IGT≤7mA (T2- G+), ITSM≤12.5A (tp=20ms)
ITSM≤13.8A (tp=16.7ms), IT(RMS)≤1A
* Enhanced current surge capability
* Direct interfacing to logic level ICs
* High blocking voltage of 600V
* Enhanced noise immunity
* Sensitive gate in four quadrants
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
UZ0107G-x-AA3-R
SOT-223
MT1
MT2
GATE
Tape Reel
UZ0107G-x-AA3-R
(1)Packing Type
(2)Package Type
(3)Peak Voltage
(4)Green Package
(1) R: Tape Reel
(2) AA3: SOT-223
(3) 6: 600V, 8: 800V
(4) G: Halogen Free and Lead Free
MARKING


Similar Part No. - UZ0107G-8-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ0107G-8-AA3-R UTC-UZ0107G-8-AA3-R Datasheet
126Kb / 3P
LOGIC LEVEL FOUR-QUADRANT TRIAC
More results

Similar Description - UZ0107G-8-AA3-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0103NN NXP-Z0103NN Datasheet
185Kb / 12P
Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0109NN NXP-Z0109NN Datasheet
185Kb / 12P
Logic level four-quadrant triac
Rev. 03-5 August 2009
Z0103NA NXP-Z0103NA_11 Datasheet
682Kb / 14P
Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0103NN NXP-Z0103NN_11 Datasheet
693Kb / 15P
Logic level four-quadrant triac
Rev. 05-21 March 2011
Z0103NN0 NXP-Z0103NN0 Datasheet
623Kb / 15P
Logic level four-quadrant triac
Rev. 02-21 March 2011
Z0107MA NXP-Z0107MA_11 Datasheet
665Kb / 14P
Logic level four-quadrant triac
Rev. 04-21 March 2011
Z0107MA0 NXP-Z0107MA0 Datasheet
616Kb / 15P
Logic level four-quadrant triac
Rev. 3-12 May 2011
Z0107NA NXP-Z0107NA_11 Datasheet
681Kb / 14P
Logic level four-quadrant triac
Rev. 04-22 March 2011
Z0109MN NXP-Z0109MN_11 Datasheet
837Kb / 15P
Logic level four-quadrant triac
Rev. 05-22 March 2011
Z0109NN0 NXP-Z0109NN0 Datasheet
638Kb / 17P
Logic level four-quadrant triac
Rev. 3-10 May 2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com