Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

770-031 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 770-031
Description  Right Angle Heat Shrink Boot
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

770-031 Datasheet(HTML) 1 Page - Glenair, Inc.

  770-031 Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13
© 2015 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324 • Series 88 SuperFly® Catalog
Dimensions in Inches (millimeters) are subject to change without notice.
E
TABLE III: Shrink Boot Materials
No.
Compound
Material Description
1
2025
High Performance Elastomer*
2
2010
Zero Halogen Polyolefin*
* Other Materials available
SERIES 881
Accessories and Tools
770-031 Right Angle Heat Shrink Boot
TABLE I: Boot Size and Shrink Boot Dimensions
Boot
Size
Glenair US Part
Marking
(Engraved on Boot)
Ae
Min Dia
Ar
Max Dia
At
± 10%
Ce
Min Dia
Cr
Max Dia
Ct
± 10%
G
± 10%
D
± 10%
01
SF1A
.370 (9.40)
.160 (4.06)
.040 (1.02)
.180 (4.57)
.045 (1.14)
.030 (0.76)
.300 (7.62)
.380 (9.65)
02
SF2A
.370 (9.40)
.200 (5.08)
.045 (1.14)
.180 (4.57)
.065 (1.65)
.031 (0.79)
.375 (9.53)
.395 (10.0)
03
SF3A
.560 (14.2)
.260 (6.60)
.050 (1.27)
.370 (9.40)
.095 (2.41)
.035 (0.89)
.440 (11.20)
.469 (11.9)
TABLE II: Glenair Series 77 Boots Adhesive Types
Attribute
W1
Standard
High Temperature
Hot Melt Adhesive
W2
Hot Melt
Adhesive
R
High Performance
Epoxy Adhesive
Boot Material Compatibility
Type 1, 2, 5, 6 and 7
Type 1, 2, 3 and 7
Type 1, 2, 5 and 6
Continuous Operating Temp.
-55
° to +125°C
-40
° to +80°C
-75
° to +150°C
Resistance to Fuels, Oils & Fluids
Good
Good
Excellent
Low Toxicity, Zero Halogen
Yes
Yes
Yes
ØCe
As Received Expanded
Fully Recovered
D
At
Ct
G
ØCr
ØAr
ØAe
Adhesive
See Table II
All Boots are Adhesive
Lined (Standard is W1)
Product Series
and Basic
Number
Boot Size
Table I
770-031 A 1 02 W1
Angular
Function
A = 90°
Material
Table III
Boots are marked with manufacturer's
identification and part number
C


Similar Part No. - 770-031

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
770-030 GLENAIR-770-030 Datasheet
297Kb / 2P
Elliptical D-subminiature heatshrink boots
More results

Similar Description - 770-031

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83723-27M-08 GLENAIR-M83723-27M-08 Datasheet
72Kb / 1P
Shrink Boot Adapters
M85049-49-59A12 GLENAIR-M85049-49-59A12 Datasheet
72Kb / 1P
Shrink Boot Adapter
M85049-60-1A03 GLENAIR-M85049-60-1A03 Datasheet
74Kb / 1P
Shrink Boot Adapters
M85049-60-2G03A GLENAIR-M85049-60-2G03A Datasheet
72Kb / 1P
Shrink Boot Adapters
M85049-62-08AD GLENAIR-M85049-62-08AD Datasheet
73Kb / 1P
Shrink Boot Adapters
M85049-69-9AD GLENAIR-M85049-69-9AD Datasheet
73Kb / 1P
Shrink Boot Adapters
logo
Amphenol Corporation
M85049-62-10W AMPHENOL-M85049-62-10W Datasheet
924Kb / 8P
SHRINK BOOT ADAPTOR
logo
List of Unclassifed Man...
SP254 ETC2-SP254 Datasheet
178Kb / 3P
Heat Shrink
logo
Glenair, Inc.
770-001 GLENAIR-770-001 Datasheet
238Kb / 3P
Shrink Boot
logo
List of Unclassifed Man...
F19K ETC2-F19K Datasheet
632Kb / 4P
SCHIRMADAPTER Shielded Shrink Boot Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com