Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT40P04G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT40P04G-TN3-R
Description  P-CHANNEL POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT40P04G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT40P04G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT40P04G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT40P04G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT40P04G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTT40P04
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-616.E
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±20
V
Package limited
-50
A
Continuous
Silicon limited
ID
-58
A
Drain Current
Pulsed
IDM
-100
A
Single Pulsed Avalanche Energy (Note 2)
EAS
337
mJ
TO-220
125
TC=25°C
TO-251/TO-252
TO-252D
55
TO-220
2
Power Dissipation
TA=25°C
TO-251/TO-252
TO-252D
PD
1.1
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Starting TJ = 25°C, L = 3mH, IAS = 15A, VDD = 40V, VGS = 10V.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
62.5
Junction to Ambient
TO-251/TO-252
TO-252D
θJA
110
°C/W
TO-220
1
Junction to Case
TO-251/TO-252
TO-252D
θJC
2.27
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com