Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT50P06G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT50P06G-TN3-R
Description  P-CHANNEL (D-S) POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT50P06G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT50P06G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT50P06G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT50P06G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT50P06G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTT50P06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-596.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous (TJ=175°C)
TC=25°C
ID
-50 (Note 5)
A
TC=125°C
-27.5
A
Pulsed
IDM
-80
A
Avalanche Current
IAR
-50
A
Single Pulse Avalanche Energy (Note 2)
L=0.1mH
EAS
125
mJ
Power Dissipation
TC=25°C
TO-220
PD
113 (Note 4)
W
TO-252
50
W
TO-262
113
W
TA=25°C
TO-220
2.5 (Note 3, 4)
W
TO-252
1.13
W
TO-262
2.5
W
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Duty cycle≤1%.
3. When Mounted on 1" square PCB (FR-4 material).
4. See SOA curve for voltage derating.
5. Package limited.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220
θJA
50
°C/W
TO-252
110
°C/W
TO-262
50
°C/W
Junction to Case
TO-220
θJC
1.1
°C/W
TO-252
2.5
°C/W
TO-262
1.1
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com