Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT60N10G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT60N10G-TN3-R
Description  N-CHANNEL MOSFET TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT60N10G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT60N10G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTT60N10G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTT60N10G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTT60N10G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTT60N10G-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT60N10
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-664.E
60A, 100V N-CHANNEL
ENHANCEMENT MODE POWER
MOSFET TRANSISTOR
DESCRIPTION
The UTC UTT60N10 is an N-channel enhancement power
MOSFET using UTC’s advanced technology to provide the
customers with perfect RDS(ON), high switching speed, high current
capacity and low gate charge.
The UTC UTT60N10 is suitable for motor control, AC-DC or
DC-DC converters and audio amplifiers, etc.
FEATURES
* RDS(ON) < 24mΩ @ VGS=10V, ID=30A
* High Switching Speed
* High Current Capacity
SYMBOL
TO - 252
1
TO-220
1
1
TO-220F1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UTT60N10L-TA3-T
UTT60N10G-TA3-T
TO-220
G
D
S
Tube
UTT60N10L-TF1-T
UTT60N10G-TF1-T
TO-220F1
G
D
S
Tube
UTT60N10L-TN3-R
UTT60N10G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UTT60N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT60N10G-TA3-T UTC-UTT60N10G-TA3-T Datasheet
129Kb / 3P
60A, 100V N-CHANNEL ENHANCEMENT MODE POWER MOSFET TRANSISTOR
More results

Similar Description - UTT60N10G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD025N06N ISC-IPD025N06N Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD040N03L ISC-IPD040N03L Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
IPD50R399CP ISC-IPD50R399CP Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD50R800CE ISC-IPD50R800CE Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPD088N06N3 ISC-IPD088N06N3 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD090N03L ISC-IPD090N03L Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
IPP039N04L ISC-IPP039N04L Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IPP070N08N3 ISC-IPP070N08N3 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRF3256 ISC-IRF3256 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
IRL1404 ISC-IRL1404 Datasheet
339Kb / 2P
N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com